Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R8-DCM16ALK/Q Datasheet(PDF) 1 Page - M-System Co.,Ltd.

Part # R8-DCM16ALK/Q
Description  Remote I/O R8 Series NPN TRANSISTOR OUTPUT MODULE, 16 points
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

R8-DCM16ALK/Q Datasheet(HTML) 1 Page - M-System Co.,Ltd.

  R8-DCM16ALK/Q Datasheet HTML 1Page - M-System Co.,Ltd. R8-DCM16ALK/Q Datasheet HTML 2Page - M-System Co.,Ltd. R8-DCM16ALK/Q Datasheet HTML 3Page - M-System Co.,Ltd. R8-DCM16ALK/Q Datasheet HTML 4Page - M-System Co.,Ltd. R8-DCM16ALK/Q Datasheet HTML 5Page - M-System Co.,Ltd. R8-DCM16ALK/Q Datasheet HTML 6Page - M-System Co.,Ltd. R8-DCM16ALK/Q Datasheet HTML 7Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
MODEL: R8-DCM16ALK
http://www.m-system.co.jp/
R8-DCM16ALK SPECIFICATIONS
ES-9747 Rev.3 Page 1/7
Remote I/O R8 Series
NPN TRANSISTOR OUTPUT MODULE, 16 points
(with shortcircuit protection, full and individual interlock)
Functions & Features
• 16 channels for discrete output, compact size remote I/O
module
• 20 pin MIL connector
• With interlock input it is available to turn all or one (2
points) output off.
24 (.94)
75 (2.96)
115 (4.53)
mm (inch)
MODEL: R8–DCM16ALK[1]
ORDERING INFORMATION
• Code number: R8-DCM16ALK[1]
Specify a code from below for [1].
(e.g. R8-DCM16ALK/Q)
• Specify the specification for option code /Q
(e.g. /C01)
[1] OPTIONS
blank: none
/Q: With options (specify the specification)
SPECIFICATIONS OF OPTION: Q
COATING (For the detail, refer to M-System's web site.)
/C01: Silicone coating
/C02: Polyurethane coating
RELATED PRODUCTS
• PC configurator software (model: R8CFG)
Downloadable at M-System’s web site.
A dedicated cable is required to connect the module to the
PC. Please refer to the internet software download site or
the users manual for the PC configurator for applicable
cable types.
Note: When using with Power/Network module (model: R8-
NM1), firmware version Ver1.04 or later is supported.
GENERAL SPECIFICATIONS
Connection
•Input: 4-pin e-CON connector
PWB connector XN2D-1474-S002 (Omron)
Recommended cable connector XN2A-1470 (Omron)
Applicable wire size 0.08 mm2 (AWG28) - 0.5 mm2
(AWG20)
Outer sheath diameter: max. 1.5 dia
(The cable connector is not included in the package. Refer
to the specifications of the product.)
•Output:20-pin MIL connector
PWB connector XG4A-2034 (Omron)
Recommended socket XG5N-201 (Omron)
Recommended contact XG5W-0231 (Omron)
Applicable wire size AWG22, number of conductor 17,
diameter of conductor 0.16 mm
(The socket and contact are not included in the package.
Refer to the specifications of the product.)
•Excitation supply, internal bus: Connected to internal bus
connector
•Internal power: Supplied from internal bus connector
Isolation: I/O or exc. supply to internal bus or internal power
Module address:DIP switches
Terminating resistor: Built-in (DIP Switch, default: disable)
(The others switches depend on operating mode settings)
Indicator LEDs: Bi-color (red/green) LED; Refer to the
instruction manual.
Discrete output status indicators: Green LED; Refer to the
instruction manual.
Interlock status indicators: Red LED; Refer to the instruction
manual.
INTERLOCK INPUT SPECIFICATION
Common: Negative common (PNP)
Number of input: 3 point
Rated input voltage: 24 V DC ±10 %; ripple 5 %p-p max.
ON voltage / current: ≥ 15 V DC (input – 0V) / ≥ 2.3 mA
OFF voltage / current: ≤ 5 V DC (input – 0V) / ≤ 1 mA
Input current: ≤ 4.5 mA per point at 24 V DC
Input resistance: Approx. 5.7 kΩ
ON delay: ≤ 2.0 msec.
OFF delay: ≤ 2.0 msec.
The output turns to OFF during interlock is input.
OUTPUT SPECIFICATIONS
Common: Negative common (NPN) per 16 points
Maximum outputs applicable at once: No limit (at 24 V DC)
Number of output: 16 points
Rated load voltage: 24 V DC ±10 %
Rated output current: 0.1 A per point, 1.6 A per common
Residual voltage: ≤ 0.5 V


Similar Part No. - R8-DCM16ALK/Q

ManufacturerPart #DatasheetDescription
logo
M-System Co.,Ltd.
R8-DCM16ALH MSYSTEM-R8-DCM16ALH Datasheet
222Kb / 6P
Remote I/O R8 Series NPN TRANSISTOR OUTPUT MODULE, 16 points
R8-DCM16ALH/Q MSYSTEM-R8-DCM16ALH/Q Datasheet
222Kb / 6P
Remote I/O R8 Series NPN TRANSISTOR OUTPUT MODULE, 16 points
R8-DCM16ALZ MSYSTEM-R8-DCM16ALZ Datasheet
188Kb / 6P
Remote I/O R8 Series NPN TRANSISTOR OUTPUT MODULE, 16 points
R8-DCM16ALZ/Q MSYSTEM-R8-DCM16ALZ/Q Datasheet
188Kb / 6P
Remote I/O R8 Series NPN TRANSISTOR OUTPUT MODULE, 16 points
More results

Similar Description - R8-DCM16ALK/Q

ManufacturerPart #DatasheetDescription
logo
M-System Co.,Ltd.
R8-DCT8B2 MSYSTEM-R8-DCT8B2 Datasheet
322Kb / 6P
Remote I/O R8 Series PNP TRANSISTOR OUTPUT MODULE, 8 points
R8-DCT8A2 MSYSTEM-R8-DCT8A2 Datasheet
322Kb / 6P
Remote I/O R8 Series NPN TRANSISTOR OUTPUT MODULE, 8 points
R8-DCT16A2 MSYSTEM-R8-DCT16A2 Datasheet
245Kb / 5P
Remote I/O R8 Series NPN TRANSISTOR OUTPUT MODULE, 16 points
R8-DCM32B2 MSYSTEM-R8-DCM32B2 Datasheet
234Kb / 5P
Remote I/O R8 Series PNP TRANSISTOR OUTPUT MODULE, 32 points
R8-DCM16ALZ MSYSTEM-R8-DCM16ALZ Datasheet
188Kb / 6P
Remote I/O R8 Series NPN TRANSISTOR OUTPUT MODULE, 16 points
R8-DCM16ALH MSYSTEM-R8-DCM16ALH Datasheet
222Kb / 6P
Remote I/O R8 Series NPN TRANSISTOR OUTPUT MODULE, 16 points
R8-DCM16A MSYSTEM-R8-DCM16A Datasheet
181Kb / 5P
Remote I/O R8 Series NPN TRANSISTOR OUTPUT MODULE, 16 points
R8-DC4A2 MSYSTEM-R8-DC4A2 Datasheet
197Kb / 3P
Remote I/O R8 Series NPN TRANSISTOR OUTPUT MODULE
R8-DC4A MSYSTEM-R8-DC4A Datasheet
201Kb / 4P
Remote I/O R8 Series NPN TRANSISTOR OUTPUT MODULE
R8-DAT16A2 MSYSTEM-R8-DAT16A2 Datasheet
218Kb / 4P
Remote I/O R8 Series DISCRETE INPUT MODULE, 16 points
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com