Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R8-DCM16ALK/Q Datasheet(PDF) 2 Page - M-System Co.,Ltd.

Part # R8-DCM16ALK/Q
Description  Remote I/O R8 Series NPN TRANSISTOR OUTPUT MODULE, 16 points
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

R8-DCM16ALK/Q Datasheet(HTML) 2 Page - M-System Co.,Ltd.

  R8-DCM16ALK/Q Datasheet HTML 1Page - M-System Co.,Ltd. R8-DCM16ALK/Q Datasheet HTML 2Page - M-System Co.,Ltd. R8-DCM16ALK/Q Datasheet HTML 3Page - M-System Co.,Ltd. R8-DCM16ALK/Q Datasheet HTML 4Page - M-System Co.,Ltd. R8-DCM16ALK/Q Datasheet HTML 5Page - M-System Co.,Ltd. R8-DCM16ALK/Q Datasheet HTML 6Page - M-System Co.,Ltd. R8-DCM16ALK/Q Datasheet HTML 7Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
MODEL: R8-DCM16ALK
http://www.m-system.co.jp/
R8-DCM16ALK SPECIFICATIONS
ES-9747 Rev.3 Page 2/7
Leakage current: ≤ 0.1 mA
ON delay: ≤ 0.5 msec.
OFF delay: ≤ 1.5 msec.
With shortcircuit protection
With overheat protection
(When driving an inductive load, connect a diode in parallel
with the load.)
INSTALLATION
Max. current consumption: 160 mA
Operating temperature: -10 to +55°C (14 to 131°F)
Operating humidity: 30 to 90 %RH (non-condensing)
Atmosphere: No corrosive gas or heavy dust
Mounting: DIN rail
Weight: 110 g (0.24 lb)
PERFORMANCE
Data allocation: 1
Module addresses in use: 1
Power output (input connector): Rated curent 50 mA DC per
channel
Power output (output connector): Rated curent 3 A DC
(rated current 3 A for internal fuse (slow blow fuse i2t (A2sec)
max. 5.04)
Insulation resistance: ≥ 100 MΩ with 500 V DC
Dielectric strength: 1500V AC @1 minute
(I/O or exc. supply to internal bus or internal power to
ground)
STANDARDS & APPROVALS
EU conformity:
EMC Directive
EMI EN 61000-6-4
EMS EN 61000-6-2
RoHS Directive
EN 50581



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com