Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R8-DC4C/Q Datasheet(PDF) 3 Page - M-System Co.,Ltd.

Part # R8-DC4C/Q
Description  Remote I/O R8 Series PHOTO MOSFET RELAY OUTPUT MODULE
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

R8-DC4C/Q Datasheet(HTML) 3 Page - M-System Co.,Ltd.

  R8-DC4C/Q Datasheet HTML 1Page - M-System Co.,Ltd. R8-DC4C/Q Datasheet HTML 2Page - M-System Co.,Ltd. R8-DC4C/Q Datasheet HTML 3Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
MODEL: R8-DC4C
http://www.m-system.co.jp/
R8-DC4C SPECIFICATIONS
ES-9743 Rev.2 Page 3/3
DIMENSIONS unit: mm (inch)
DIN RAIL
(35 mm wide)
[3 (.12)]
[4 (.16)]
12 (.47)
59 (2.32)
55 (2.17)
SCHEMATIC CIRCUITRY & CONNECTION DIAGRAM
NC
NC
NC
NC
+24V
*1. Not used.
1
2
4
3
1
2
4
3
OUTPUT
CONNECTOR 1
OUTPUT
CONNECTOR 4
Communication
Circuit
Control
Circuit
STATUS
LED
OUTPUT
STATUS LED
ROTARY SW
DIP SW
INTERNAL
BUS
EXC.
SUPPLY
INTERNAL
POWER
Output
Circuit
・
・
・
・
・
*1
Coil, etc.
Inductive loads
Varistor/CR Circuit
■ Refer to the figure below for Photo MOSFET Relay discrete protection and noise removal.
•AC Powered
•DC Powered
Coil, etc.
Inductive loads
Varistor/CR Circuit
Load
0V
Load
U
Do4
Do1
Specifications are subject to change without notice.



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com