Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R8-DC4C/Q Datasheet(PDF) 1 Page - M-System Co.,Ltd.

Part # R8-DC4C/Q
Description  Remote I/O R8 Series PHOTO MOSFET RELAY OUTPUT MODULE
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

R8-DC4C/Q Datasheet(HTML) 1 Page - M-System Co.,Ltd.

  R8-DC4C/Q Datasheet HTML 1Page - M-System Co.,Ltd. R8-DC4C/Q Datasheet HTML 2Page - M-System Co.,Ltd. R8-DC4C/Q Datasheet HTML 3Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
MODEL: R8-DC4C
http://www.m-system.co.jp/
R8-DC4C SPECIFICATIONS
ES-9743 Rev.2 Page 1/3
Remote I/O R8 Series
PHOTO MOSFET RELAY OUTPUT MODULE
Functions & Features
• 4-channel photo MOSFET relay output, compact size
remote I/O module
12 (.47)
115 (4.53)
59 (2.32)
mm (inch)
MODEL: R8–DC4C[1]
ORDERING INFORMATION
• Code number: R8-DC4C[1]
Specify a code from below for [1].
(e.g. R8-DC4C/Q)
• Specify the specification for option code /Q
(e.g. /C01)
[1] OPTIONS
blank: none
/Q: With options (specify the specification)
SPECIFICATIONS OF OPTION: Q
COATING (For the detail, refer to M-System's web site.)
/C01: Silicone coating
/C02: Polyurethane coating
RELATED PRODUCTS
• PC configurator software (model: R8CFG)
Downloadable at M-System’s web site.
A dedicated cable is required to connect the module to the
PC. Please refer to the internet software download site or
the users manual for the PC configurator for applicable
cable types.
GENERAL SPECIFICATIONS
Connection
•Input: 4-pin e-CON connector
PWB connector XN2D-1474-S002 (Omron)
Recommended cable connector XN2A-1470 (Omron)
Applicable wire size 0.08 mm2 (AWG28) - 0.5 mm2 (AWG20)
Outer sheath diameter: max. 1.5 dia
(The cable connector is not included in the package.
Refer to the specifications of the product.)
•Excitation supply, internal bus:
Connected to internal bus connector
•Internal power: Supplied from internal bus connector
Isolation: Output or exc. supply to internal bus or internal
power
Module address: With rotary switch
Output at the loss of communication: Selectable with the
side DIP SW
Terminating resistor: Built-in (DIP Switch, default: disable)
Configuration mode: With DIP switches on the side panel
Status indicator: Bi-color (red/green) LED; Refer to the
instruction manual.
Discrete output status indicators: Green LED; Refer to the
instruction manual.
OUTPUT SPECIFICATIONS
Number of outputs: 4
Rated load voltage: 48 V peak AC/DC
Rated output current: 0.2 A per point
Output ON resistance: ≤ 1 Ω
Leakage current at open circuit: ≤ 0.1 mA
ON delay: ≤ 5 msec.
OFF delay: ≤ 3 msec.
(When driving an inductive load, external contact protection
and noise quenching recommended.)
INSTALLATION
Max. current consumption: 120 mA
Operating temperature: -10 to +55°C (14 to 131°F)
Operating humidity: 30 to 90 %RH (non-condensing)
Atmosphere: No corrosive gas or heavy dust
Mounting: DIN rail
Weight: 60 g (2.12 oz)
PERFORMANCE
Data allocation: 1
Module addresses in use: 1
Insulation resistance: ≥ 100 MΩ with 500 V DC
Dielectric strength: 1500V AC @1 minute
(output or exc. supply to internal bus or internal power to
ground)
STANDARDS & APPROVALS
EU conformity:
EMC Directive


Similar Part No. - R8-DC4C/Q

ManufacturerPart #DatasheetDescription
logo
M-System Co.,Ltd.
R8-DC4A MSYSTEM-R8-DC4A Datasheet
201Kb / 4P
Remote I/O R8 Series NPN TRANSISTOR OUTPUT MODULE
R8-DC4A/Q MSYSTEM-R8-DC4A/Q Datasheet
201Kb / 4P
Remote I/O R8 Series NPN TRANSISTOR OUTPUT MODULE
R8-DC4A2 MSYSTEM-R8-DC4A2 Datasheet
197Kb / 3P
Remote I/O R8 Series NPN TRANSISTOR OUTPUT MODULE
R8-DC4A2/Q MSYSTEM-R8-DC4A2/Q Datasheet
197Kb / 3P
Remote I/O R8 Series NPN TRANSISTOR OUTPUT MODULE
More results

Similar Description - R8-DC4C/Q

ManufacturerPart #DatasheetDescription
logo
M-System Co.,Ltd.
ESR8FST4N MSYSTEM-ESR8FST4N Datasheet
288Kb / 5P
Remote I/O R8 Series
ESR8DCT4D MSYSTEM-ESR8DCT4D Datasheet
215Kb / 4P
Remote I/O R8 Series
R8-PC4A MSYSTEM-R8-PC4A Datasheet
216Kb / 5P
Remote I/O R8 Series PULSE OUTPUT MODULE
R8-DCT4D MSYSTEM-R8-DCT4D Datasheet
215Kb / 4P
Remote I/O R8 Series RELAY OUTPUT MODULE
R8-DC4A2 MSYSTEM-R8-DC4A2 Datasheet
197Kb / 3P
Remote I/O R8 Series NPN TRANSISTOR OUTPUT MODULE
R8-DC4A MSYSTEM-R8-DC4A Datasheet
201Kb / 4P
Remote I/O R8 Series NPN TRANSISTOR OUTPUT MODULE
R8-YV4N MSYSTEM-R8-YV4N Datasheet
218Kb / 4P
Remote I/O R8 Series DC VOLTAGE OUTPUT MODULE
R8-YS2NJ MSYSTEM-R8-YS2NJ Datasheet
222Kb / 4P
Remote I/O R8 Series DC CURRENT OUTPUT MODULE
R8-YS2 MSYSTEM-R8-YS2 Datasheet
205Kb / 4P
Remote I/O R8 Series DC CURRENT OUTPUT MODULE
R8-TS2 MSYSTEM-R8-TS2 Datasheet
219Kb / 4P
Remote I/O R8 Series THERMOCOUPLE INPUT MODULE
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com