Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R8-CT4E/Q Datasheet(PDF) 1 Page - M-System Co.,Ltd.

Part # R8-CT4E/Q
Description  Remote I/O R8 Series AC CURRENT INPUT MODULE
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

R8-CT4E/Q Datasheet(HTML) 1 Page - M-System Co.,Ltd.

  R8-CT4E/Q Datasheet HTML 1Page - M-System Co.,Ltd. R8-CT4E/Q Datasheet HTML 2Page - M-System Co.,Ltd. R8-CT4E/Q Datasheet HTML 3Page - M-System Co.,Ltd. R8-CT4E/Q Datasheet HTML 4Page - M-System Co.,Ltd. R8-CT4E/Q Datasheet HTML 5Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
MODEL: R8-CT4E
R8-CT4E SPECIFICATIONS
ES-9794 Rev.2 Page 1/5
http://www.m-system.co.jp/
Remote I/O R8 Series
AC CURRENT INPUT MODULE
(RMS sensing, clamp-on current sensor, non-isolated,
4 points)
Functions & Features
• Clamp-on current sensor input, compact size remote I/O
module
• Configurable with PC configurator (model: R8CFG)
12 (.47)
mm (inch)
115 (4.53)
59 (2.32)
MODEL: R8–CT4E[1]
ORDERING INFORMATION
• Code number: R8-CT4E[1]
Specify a code from below for [1].
(e.g. R8-CT4E/Q)
• Specify the specification for option code /Q
(e.g. /C01)
[1] OPTIONS
blank: none
/Q: With options (specify the specification)
SPECIFICATIONS OF OPTION: Q
COATING (For the detail, refer to M-System's web site.)
/C01: Silicone coating
/C02: Polyurethane coating
RELATED PRODUCTS
• PC configurator software (model: R8CFG)
Downloadable at M-System’s web site.
A dedicated cable is required to connect the module to the
PC. Please refer to the internet software download site or
the users manual for the PC configurator for applicable
cable types.
• Clamp-on current sensor (model: CLSE)
The clamp-on current sensors, not included in this product
package, must be ordered separately. Required number
depends upon the system configuration.
GENERAL SPECIFICATIONS
Connection
•Input: 4-pin e-CON connector
Unit side connector XN2D-1474-S002 (Omron)
Recommended cable side connector XN2A-1470 (Omron)
Applicable wire size: 0.08 - 0.5 mm2 (AWG28 - 20)
Outer sheath diameter: max. 1.5 dia
(The cable connector is not included in the package.
Refer to the specifications of the product.)
•Excitation supply, internal bus:
Connected to internal bus connector
•Internal power: Supplied from internal bus connector
Isolation: Input to exc. supply to internal bus or internal
power
Input waveform
RMS sensing: Up to 15 % of 3rd harmonic content
Clamp-on current sensor: DIP switch on side panel or with
PC
Low-end cutout value setting: Settable range: 0.0 - 5.0 %.
(Configure with PC. The converted data not exceed the
setting value is forced 0 %. Factory setting: 1.0 %)
Module address: With rotary switch
Terminating resistor: Built-in (DIP Switch, default: disable)
Configuration mode: With DIP switches on the side panel
Status indicator: Bi-color (red/green) LED; Refer to the
instruction manual.
Input status indicators: Red LED; Refer to the instruction
manual.
INPUT
■ Clamp-on current sensor (CT1,CT2, CT3, CT4)
(Sensor model No.: Input range)
CLSE-R5: 0 – 5 A
CLSE-05: 0 – 50 A
CLSE-10: 0 – 100 A
CLSE-20: 0 – 200 A
CLSE-40: 0 – 400 A
CLSE-60: 0 – 600 A
Frequency: 50 / 60 Hz (45 - 65 Hz)
Operational range: 0 – 105 % of rating
Overload capacity:
CLSE-R5: 10 A continuous
CLSE-05: 60 A continuous
CLSE-10: 120 A continuous
CLSE-20: 240 A continuous
CLSE-40: 480 A continuous
CLSE-60: 720 A continuous
Be sure that the input voltage is of 480 V or less.


Similar Part No. - R8-CT4E/Q

ManufacturerPart #DatasheetDescription
logo
JST Mfg. Co., Ltd.
R8-10 JST-R8-10 Datasheet
682Kb / 8P
RING TONGUE (R type) Non-insulated
logo
Trumeter Technologies
R8-4017A TRUMETER-R8-4017A Datasheet
1Mb / 2P
Electromechanical Totalizer
02/2020
R8-4017B TRUMETER-R8-4017B Datasheet
1Mb / 2P
Electromechanical Totalizer
02/2020
R8-4017C TRUMETER-R8-4017C Datasheet
1Mb / 2P
Electromechanical Totalizer
02/2020
R8-4017D TRUMETER-R8-4017D Datasheet
1Mb / 2P
Electromechanical Totalizer
02/2020
More results

Similar Description - R8-CT4E/Q

ManufacturerPart #DatasheetDescription
logo
M-System Co.,Ltd.
R8-RS4N MSYSTEM-R8-RS4N Datasheet
237Kb / 5P
Remote I/O R8 Series RTD INPUT MODULE
R8-FST4N MSYSTEM-R8-FST4N Datasheet
288Kb / 5P
Remote I/O R8 Series DC VOLTAGE/CURRENT INPUT MODULE
R8-FS16N MSYSTEM-R8-FS16N Datasheet
212Kb / 5P
Remote I/O R8 Series DC VOLTAGE/CURRENT INPUT MODULE
R8-DA4A MSYSTEM-R8-DA4A Datasheet
177Kb / 3P
Remote I/O R8 Series DISCRETE INPUT MODULE
R8-TS2 MSYSTEM-R8-TS2 Datasheet
219Kb / 4P
Remote I/O R8 Series THERMOCOUPLE INPUT MODULE
R8-SV4N MSYSTEM-R8-SV4N Datasheet
207Kb / 4P
Remote I/O R8 Series DC VOLTAGE INPUT MODULE
R8-SST8 MSYSTEM-R8-SST8 Datasheet
231Kb / 5P
Remote I/O R8 Series DC CURRENT INPUT MODULE
R8-SS4NJ MSYSTEM-R8-SS4NJ Datasheet
217Kb / 4P
Remote I/O R8 Series DC CURRENT INPUT MODULE
R8-SS4N MSYSTEM-R8-SS4N Datasheet
205Kb / 4P
Remote I/O R8 Series DC CURRENT INPUT MODULE
R8-SS2 MSYSTEM-R8-SS2 Datasheet
199Kb / 4P
Remote I/O R8 Series DC CURRENT INPUT MODULE
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com