Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R8-CT4E/Q Datasheet(PDF) 2 Page - M-System Co.,Ltd.

Part # R8-CT4E/Q
Description  Remote I/O R8 Series AC CURRENT INPUT MODULE
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

R8-CT4E/Q Datasheet(HTML) 2 Page - M-System Co.,Ltd.

  R8-CT4E/Q Datasheet HTML 1Page - M-System Co.,Ltd. R8-CT4E/Q Datasheet HTML 2Page - M-System Co.,Ltd. R8-CT4E/Q Datasheet HTML 3Page - M-System Co.,Ltd. R8-CT4E/Q Datasheet HTML 4Page - M-System Co.,Ltd. R8-CT4E/Q Datasheet HTML 5Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
MODEL: R8-CT4E
R8-CT4E SPECIFICATIONS
ES-9794 Rev.2 Page 2/5
http://www.m-system.co.jp/
INSTALLATION
Max. current consumption: 100 mA
Operating temperature: -10 to +55°C (14 to 131°F)
Operating humidity: 30 to 90 %RH (non-condensing)
Atmosphere: No corrosive gas or heavy dust
Mounting: DIN rail
Weight: 65 g (2.3 oz)
PERFORMANCE
Conversion accuracy: ±1 % except the sensor accuracy
Conversion rate: 14 msec.
Conversion data: Integer that engineering unit value (A)
multiplied by 100 (for CLSE-R5, integer that engineering
unit value (A) multiplied by 1000).
(Scaling of converted data is configurable with the
configurator software)
Data allocation: 2
Module addresses in use: 2
Temp. coefficient: ±0.03 %/°C (±0.02 %/°F)
Response time: ≤ 0.5 sec. (0 – 90 %)
Insulation resistance: ≥ 100 MΩ with 500 V DC
Dielectric strength:
1000 V AC @ 1 minute (input to exc. supply to internal bus
or internal power to ground)
STANDARDS & APPROVALS
EU conformity:
EMC Directive
EMI EN 61000-6-4
EMS EN 61000-6-2
RoHS Directive
EN 50581
EXTERNAL VIEW
FRONT VIEW
SIDE VIEW
CT1
RUN
CT2
CT3
CT4
8
7
8
7
Status Indicator LED
Input Status Indicator LED
Internal Bus Connector
Input Connectors
Module Address Setting
Rotary SW
SW1
x10
x1
SW2
1
0
9
1
0
9
CARD ADD.
Terminator DIP SW
SW3
Term
On
Function Setting
DIP SW
1 2 3 4 5 6 7 8
SW4
On



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com