Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STLC4370 Datasheet(PDF) 1 Page - STMicroelectronics

Part # STLC4370
Description  Single Chip 802.11b/g WLAN Radio for Mobile Applications
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STLC4370 Datasheet(HTML) 1 Page - STMicroelectronics

  STLC4370 Datasheet HTML 1Page - STMicroelectronics STLC4370 Datasheet HTML 2Page - STMicroelectronics STLC4370 Datasheet HTML 3Page - STMicroelectronics STLC4370 Datasheet HTML 4Page - STMicroelectronics STLC4370 Datasheet HTML 5Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
DATA BRIEF
For further information contact your local STMicroelectronics sales office.
January 2006
Rev. 1
1/5
5
STLC4370
Single Chip 802.11b/g WLAN Radio for Mobile Applications
Features
■ Extremely small footprint
■ Ultra Low Power consumption
■ Fully compliant with the IEEE 802.11b and
802.11g WLAN standards
■ Support for 54, 48, 36, 24, 18, 12, 9, and
6Mbps OFDM, 11 and 5.5Mbps CCK and
legacy 2 and 1Mbps data rates
■ Single Chip 802.11b/g WLAN solution with
fully integrated:
– Zero IF (ZIF) transceiver,
– Voltage Controlled Oscillator (VCO),
– High-speed A/D and D/A converters,
– Radio Power Management Unit (PMU),
– OFDM and CCK baseband processor,
– ARM9 Media Access Controller (MAC),
– SPI serial host interface (up to 48Mbps)
■ Intelligent power control, including 802.11
power save mode
■ Fully integrated Bluetooth coexistence
Applications
■ Cellular phones
■ Personal Digital Assistants (PDA)
■ Portable computers
■ Hand-held data transfer devices
■ Cameras
■ Computer peripherals
■ Cable replacement
Order codes
Description
The STLC4370 is a single chip 802.11b/g WLAN
radio for embedded, low-power and very small
form factor mobile applications. The product
conforms to the IEEE 802.11b and 802.11g
protocols operating in the 2.45GHz ISM
frequency band supporting OFDM data rates of
54, 48, 36, 24, 18, 12, 9, and 6Mbps as well as
CCK data rates of 11 and 5.5Mbps and legacy
data rates of 2 and 1Mbps.
The STLC4370 is a fully integrated wireless radio
including a ZIF transceiver, RF Synthesizer/VCO,
high-speed data converters, an OFDM/CCK
digital baseband processor, an ARM9-based
MAC and a complete Power Management Unit.
Host control is provided by a flexible serial
interface (SPI) supporting bit rates of 48Mbps. For
maximum flexibility, the STLC4370 accepts
system reference clock frequencies of 19.2, 26,
38.4 and 40MHz.
A reference design evaluation platform of
hardware and software is provided to system
integrators to rapidly enable wireless connectivity
to mobile platforms.
Part Number
Package
E-STLC4370A
Lead-free LFBGA228
LFBGA (12.5 mm x 7 mm x 1.6 mm)
www.st.com


Similar Part No. - STLC4370

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STLC4420A STMICROELECTRONICS-STLC4420A Datasheet
486Kb / 40P
Single chip 802.11b/g/a WLAN radio
05-Mar-2006
STLC4550 STMICROELECTRONICS-STLC4550 Datasheet
147Kb / 5P
Single chip 802.11b/g WLAN radio
06-Feb-2006
STLC4560 STMICROELECTRONICS-STLC4560 Datasheet
105Kb / 8P
Single chip 802.11b/g WLAN radio
09-Jan-2008
STLC4560TRAY STMICROELECTRONICS-STLC4560TRAY Datasheet
105Kb / 8P
Single chip 802.11b/g WLAN radio
09-Jan-2008
More results

Similar Description - STLC4370

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STLC4550 STMICROELECTRONICS-STLC4550 Datasheet
147Kb / 5P
Single chip 802.11b/g WLAN radio
06-Feb-2006
STLC4420A STMICROELECTRONICS-STLC4420A Datasheet
486Kb / 40P
Single chip 802.11b/g/a WLAN radio
05-Mar-2006
STLC4560 STMICROELECTRONICS-STLC4560 Datasheet
105Kb / 8P
Single chip 802.11b/g WLAN radio
09-Jan-2008
logo
Realtek Semiconductor C...
RTL8189EM-CG REALTEK-RTL8189EM-CG Datasheet
433Kb / 21P
SINGLE-CHIP IEEE 802.11b/g/n 1T1R WLAN With SDIO INTERFACE
logo
Richtek Technology Corp...
RTL8189ETV RICHTEK-RTL8189ETV Datasheet
647Kb / 23P
SINGLE-CHIP IEEE 802.11b/g/n 1T1R WLAN With SDIO INTERFACE
logo
Realtek Semiconductor C...
RTL8188ER-CG REALTEK-RTL8188ER-CG Datasheet
569Kb / 20P
SINGLE-CHIP IEEE 802.11b/g/n 1T1R WLAN
RTL8188ETV REALTEK-RTL8188ETV Datasheet
393Kb / 20P
SINGLE-CHIP IEEE 802.11b/g/n 1T1R WLAN
logo
List of Unclassifed Man...
RT5390 ETC1-RT5390 Datasheet
2Mb / 36P
802.11b/g/n 1T1R WLAN Mini Card
logo
silex technology americ...
SX-SDPGN SILEX-SX-SDPGN Datasheet
1Mb / 2P
802.11b/g/n SiP for Mobile Applications
REV D. 20192903
logo
Realtek Semiconductor C...
RTL8191SE REALTEK-RTL8191SE Datasheet
288Kb / 16P
SINGLE-CHIP IEEE 802.11b/g/n WLAN CONTROLLER with PCI EXPRESSTM INTERFACE
Rev. 0.4 Nov 2008
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com