Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STLC4370 Datasheet(PDF) 3 Page - STMicroelectronics

Part # STLC4370
Description  Single Chip 802.11b/g WLAN Radio for Mobile Applications
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STLC4370 Datasheet(HTML) 3 Page - STMicroelectronics

  STLC4370 Datasheet HTML 1Page - STMicroelectronics STLC4370 Datasheet HTML 2Page - STMicroelectronics STLC4370 Datasheet HTML 3Page - STMicroelectronics STLC4370 Datasheet HTML 4Page - STMicroelectronics STLC4370 Datasheet HTML 5Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
STLC4370
Package information
Rev. 1
3/5
Package information
Figure 2.
LFBGA228 mechanical data and package dimensions
OUTLINE AND
MECHANICAL DATA
DIM.
mm
inch
MIN.
TYP.
MAX.
MIN.
TYP.
MAX.
A
1.60
0.062
A1
0.15
0.006
A2
1.02
0.040
b
0.25
0.30
0.35
0.010
0.012
0.014
D
12.35
12.50
12.65
0.486
0.492
0.498
D1
11.50
0.453
E
6.85
7.00
7.15
0.270
0.275
0.281
E1
6.00
0.236
e0.50
0.020
F0.50
0.020
ddd
0.08
0.003
eee
0.15
0.006
fff
0.05
0.002
LFBGA228 (207+21)
Low Profile Ball Grid Array
Body: 12.5 x 7 x 1.6mm
7611496 A



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com