Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

QPA1022DEVB Datasheet(PDF) 13 Page - Qorvo, Inc

Part # QPA1022DEVB
Description  8.5 ??11 GHz 4 W GaN Power Amplifier
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  QORVO [Qorvo, Inc]
Direct Link  https://www.qorvo.com/
Logo QORVO - Qorvo, Inc

QPA1022DEVB Datasheet(HTML) 13 Page - Qorvo, Inc

Back Button QPA1022DEVB Datasheet HTML 9Page - Qorvo, Inc QPA1022DEVB Datasheet HTML 10Page - Qorvo, Inc QPA1022DEVB Datasheet HTML 11Page - Qorvo, Inc QPA1022DEVB Datasheet HTML 12Page - Qorvo, Inc QPA1022DEVB Datasheet HTML 13Page - Qorvo, Inc QPA1022DEVB Datasheet HTML 14Page - Qorvo, Inc QPA1022DEVB Datasheet HTML 15Page - Qorvo, Inc QPA1022DEVB Datasheet HTML 16Page - Qorvo, Inc QPA1022DEVB Datasheet HTML 17Page - Qorvo, Inc  
Zoom Inzoom in Zoom Outzoom out
 13 / 17 page
background image
QPA1022D
8.5  – 11 GHz 4 W GaN Power Amplifier
Data Sheet Rev B, Feb 2021 | Subject to change without notice
13 of 17
www.qorvo.com
®
Applications Information
Bias-Up Procedure
Bias-Down Procedure
1. Set ID limit to 600 mA, IG limit to 10 mA
1. Turn off RF signal
2. Set VG
to −4.0 V
2. Reduce VG
to −4.0 V. Ensure IDQ ~ 0 mA
3. Set VD +22 V
4. Set VD to 0 V
4. Adjust VG more positive until IDQ
 180 mA
5. Turn off VD supply
5. Apply RF signal
6. Turn off VG supply



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com