Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

QPA1022DEVB Datasheet(PDF) 3 Page - Qorvo, Inc

Part # QPA1022DEVB
Description  8.5 ??11 GHz 4 W GaN Power Amplifier
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  QORVO [Qorvo, Inc]
Direct Link  https://www.qorvo.com/
Logo QORVO - Qorvo, Inc

QPA1022DEVB Datasheet(HTML) 3 Page - Qorvo, Inc

  QPA1022DEVB Datasheet HTML 1Page - Qorvo, Inc QPA1022DEVB Datasheet HTML 2Page - Qorvo, Inc QPA1022DEVB Datasheet HTML 3Page - Qorvo, Inc QPA1022DEVB Datasheet HTML 4Page - Qorvo, Inc QPA1022DEVB Datasheet HTML 5Page - Qorvo, Inc QPA1022DEVB Datasheet HTML 6Page - Qorvo, Inc QPA1022DEVB Datasheet HTML 7Page - Qorvo, Inc QPA1022DEVB Datasheet HTML 8Page - Qorvo, Inc QPA1022DEVB Datasheet HTML 9Page - Qorvo, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 17 page
background image
QPA1022D
8.5  – 11 GHz 4 W GaN Power Amplifier
Data Sheet Rev B, Feb 2021 | Subject to change without notice
3 of 17
www.qorvo.com
®
Performance Plots – Small Signal
Test conditions unless otherwise noted: VD = 22 V, IDQ = 180 mA, Temperature = +
25 °C
-30
-25
-20
-15
-10
-5
0
7
8
9
10
11
12
Freq (GHz)
Input Return Loss vs Temp
- 40C
+ 25C
+ 85C
20
22
24
26
28
30
32
34
36
38
40
7
8
9
10
11
12
Freq (GHz)
Gain vs Temp
- 40C
+ 25C
+ 85C
-85
-80
-75
-70
-65
-60
-55
7
8
9
10
11
12
Freq (GHz)
Reverse Isolation vs Temp
- 40C
+ 25C
+ 85C
-30
-25
-20
-15
-10
-5
0
7
8
9
10
11
12
Freq (GHz)
Output Return Loss vs Temp
- 40C
+ 25C
+ 95C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com