Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

QPA1013DEVBP01 Datasheet(PDF) 13 Page - Qorvo, Inc

Part # QPA1013DEVBP01
Description  6??8 GHz 10 W GaN Power Amplifier
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  QORVO [Qorvo, Inc]
Direct Link  https://www.qorvo.com/
Logo QORVO - Qorvo, Inc

QPA1013DEVBP01 Datasheet(HTML) 13 Page - Qorvo, Inc

Back Button QPA1013DEVBP01 Datasheet HTML 7Page - Qorvo, Inc QPA1013DEVBP01 Datasheet HTML 8Page - Qorvo, Inc QPA1013DEVBP01 Datasheet HTML 9Page - Qorvo, Inc QPA1013DEVBP01 Datasheet HTML 10Page - Qorvo, Inc QPA1013DEVBP01 Datasheet HTML 11Page - Qorvo, Inc QPA1013DEVBP01 Datasheet HTML 12Page - Qorvo, Inc QPA1013DEVBP01 Datasheet HTML 13Page - Qorvo, Inc QPA1013DEVBP01 Datasheet HTML 14Page - Qorvo, Inc QPA1013DEVBP01 Datasheet HTML 15Page - Qorvo, Inc  
Zoom Inzoom in Zoom Outzoom out
 13 / 15 page
background image
QPA1013D
6–18 GHz 10 W GaN Power Amplifier
Data Sheet Rev C, September 2019 | Subject to change without notice
13 of 15
www.qorvo.com
®
Mechanical Drawing & Bond Pad Description
Unit: millimeters
Thickness: 0.10
Die x, y size tolerance: +/- 0.050
Chip edge to bond pad dimensions are shown to center of pad
Ground is backside of die
Bond Pad
Symbol
Pad Size
Description
1
RF In
0.115 x 0.190
RF Input; matched to 50 Ω; DC shorted to ground
2, 12
VG12
0.090 x 0.090
Gate voltage 1-2, bias network is required; see Application
Circuit on page 11 as an example.
3, 11
VD1
0.190 x 0.090
Drain voltage 1, bias network is required; see Application
Circuit on page 11 as an example
4, 10
VD2
0.235 x 0.090
Drain voltage 2, bias network is required; see Application
Circuit on page 11 as an example.
5, 9
VG3
0.090 x 0.090
Gate voltage 3, bias network is required; see Application
Circuit on page 11 as an example.
6, 8
VD3
0.508 x 0.090
Drain voltage 3, bias network is required; see Application
Circuit on page 11 as an example.
7
RF Out
0.115 x 0.190
RF Output; matched to 50 Ω; DC shorted to ground



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com