Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

QPA1013DEVBP01 Datasheet(PDF) 2 Page - Qorvo, Inc

Part # QPA1013DEVBP01
Description  6??8 GHz 10 W GaN Power Amplifier
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  QORVO [Qorvo, Inc]
Direct Link  https://www.qorvo.com/
Logo QORVO - Qorvo, Inc

QPA1013DEVBP01 Datasheet(HTML) 2 Page - Qorvo, Inc

  QPA1013DEVBP01 Datasheet HTML 1Page - Qorvo, Inc QPA1013DEVBP01 Datasheet HTML 2Page - Qorvo, Inc QPA1013DEVBP01 Datasheet HTML 3Page - Qorvo, Inc QPA1013DEVBP01 Datasheet HTML 4Page - Qorvo, Inc QPA1013DEVBP01 Datasheet HTML 5Page - Qorvo, Inc QPA1013DEVBP01 Datasheet HTML 6Page - Qorvo, Inc QPA1013DEVBP01 Datasheet HTML 7Page - Qorvo, Inc QPA1013DEVBP01 Datasheet HTML 8Page - Qorvo, Inc QPA1013DEVBP01 Datasheet HTML 9Page - Qorvo, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
QPA1013D
6–18 GHz 10 W GaN Power Amplifier
Data Sheet Rev C, September 2019 | Subject to change without notice
2 of 15
www.qorvo.com
®
Absolute Maximum Ratings
Parameter
Value/Range
Drain Voltage (VD)
29.5 V
Gate Voltage Range (VG)
−8 to 0 V
Drain Current (ID1)
480 mA
Drain Current (ID2)
720 mA
Drain Current (ID3)
2880 mA
Gate Currents (IG1/IG2 /IG3)
See plot on page 3
Power Dissipation (PDISS), 85 °C, CW
75 W
Input Power (PIN),
50 Ω, VD = 20 V,
IDQ = 1250 mA, 85 °C, CW
28 dBm
Input Power (PIN), VSWR 3:1, VD = 20 V,
IDQ = 1250 mA, 85 °C, CW
28 dBm
Mounting Temperature (30 seconds)
320 °C
Storage Temperature
-55 to 150 °C
Operation of this device outside the parameter ranges given
above may cause permanent damage. These are stress ratings
only, and functional operation of the device at these conditions
is not implied.
Recommended Operating Conditions
Parameter
Value/Range
Drain Voltage (VD)
20 V
Drain Current (IDQ)
1250 mA (Total)
Gate Voltage Range (VG)
−2.8 to −2.0 V
Electrical specifications are measured at specified test
conditions. Specifications are not guaranteed over all operating
conditions.
Electrical Specifications
Test conditions unless otherwise noted: 25 °C , VD = 20 V, IDQ = 1250 mA
Parameter
Min
Typical
Max
Units
Operational Frequency Range
6
18
GHz
Small Signal Gain
>25
dB
Input Return Loss
>6.5
dB
Output Return Loss
>7
dB
Power Gain (PIN = 20 dBm)
>20
dB
Output Power (PIN = 20 dBm)
>40
dBm
Power Added Efficiency (PIN = 20 dBm)
22
%
Gate Leakage (VD = 10 V, VG =
−6.0 V)
−19.6
−0.0001
mA
Small Signal Gain Temperature Coefficient
−0.061
dB/°C
Output Power Temperature Coefficient
(Calculated from 25 °C to 85 °C) (Pin = 20 dBm)
−0.017
dBm/°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com