Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DWM1001-DEV Datasheet(PDF) 14 Page - Qorvo, Inc

Part # DWM1001-DEV
Description  USB connection for reprogramming, debug & power supply
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  QORVO [Qorvo, Inc]
Direct Link  https://www.qorvo.com/
Logo QORVO - Qorvo, Inc

DWM1001-DEV Datasheet(HTML) 14 Page - Qorvo, Inc

Back Button DWM1001-DEV Datasheet HTML 7Page - Qorvo, Inc DWM1001-DEV Datasheet HTML 8Page - Qorvo, Inc DWM1001-DEV Datasheet HTML 9Page - Qorvo, Inc DWM1001-DEV Datasheet HTML 10Page - Qorvo, Inc DWM1001-DEV Datasheet HTML 11Page - Qorvo, Inc DWM1001-DEV Datasheet HTML 12Page - Qorvo, Inc DWM1001-DEV Datasheet HTML 13Page - Qorvo, Inc DWM1001-DEV Datasheet HTML 14Page - Qorvo, Inc DWM1001-DEV Datasheet HTML 15Page - Qorvo, Inc  
Zoom Inzoom in Zoom Outzoom out
 14 / 15 page
background image
DWM1001 Module Development Board Datasheet
© Decawave Ltd 2017
Subject to change without notice
Version 1.3
Page 14
10
REFERENCES
[1] Decawave DWM1001 Datasheet www.decawave.com
[2] IEEE802.15.4-
2011 or “IEEE Std 802.15.4™‐2011” (Revision of IEEE Std 802.15.4-2006). IEEE Standard
for Local and metropolitan area networks
– Part 15.4: Low-Rate Wireless Personal Area Networks (LR-
WPANs). IEEE Computer Society Sponsored by the LAN/MAN Standards Committee. Available from
http://standards.ieee.org/
[3] DWM1001 System Overview
11
DOCUMENT HISTORY
Table 5: Document History
Revision
Date
Description
1.3
26/03/2019
Updating information for new release
1.2
19/12/2018
Adding DWM1001C related information
1.1
10/08/2018
Logo Change
1.0
20/12/17
First Version



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com