Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DWM1001-DEV Datasheet(PDF) 5 Page - Qorvo, Inc

Part # DWM1001-DEV
Description  USB connection for reprogramming, debug & power supply
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  QORVO [Qorvo, Inc]
Direct Link  https://www.qorvo.com/
Logo QORVO - Qorvo, Inc

DWM1001-DEV Datasheet(HTML) 5 Page - Qorvo, Inc

  DWM1001-DEV Datasheet HTML 1Page - Qorvo, Inc DWM1001-DEV Datasheet HTML 2Page - Qorvo, Inc DWM1001-DEV Datasheet HTML 3Page - Qorvo, Inc DWM1001-DEV Datasheet HTML 4Page - Qorvo, Inc DWM1001-DEV Datasheet HTML 5Page - Qorvo, Inc DWM1001-DEV Datasheet HTML 6Page - Qorvo, Inc DWM1001-DEV Datasheet HTML 7Page - Qorvo, Inc DWM1001-DEV Datasheet HTML 8Page - Qorvo, Inc DWM1001-DEV Datasheet HTML 9Page - Qorvo, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
DWM1001 Module Development Board Datasheet
© Decawave Ltd 2017
Subject to change without notice
Version 1.3
Page 5
1.1 Suitable Power Supply Options
The module development board has a voltage supply requirement of 3.6V to 5.5V.
The module development board can be powered from three different sources. Details are given in Table 1.
Table 1: Possible sources of power for the module development board
Power Source
Voltage level
Current level
(Recommended)
Notes
USB Connection
+5V
500mA
The board requires a connection to a high
power USB connection. Check that it can
supply at least 500mA.
Battery
3.6V - 5.5V
500mA
Any battery that meets the 3.6V to 5.5V
voltage supply will suffice.
Raspberry Pi Power
+5V
500mA
1.2 Block Diagram of the development board
Figure 4: The main sections of the DWM1001 Module Development Board
Figure 4 shows the main sections of the Module Development Board. A brief overview of these sections is given
below with further details given in later sections of this document.
The DWM1001 module is based on Decawave's DW1000 Ultra Wideband (UWB) transceiver IC, which is an
IEEE 802.15.4-2011 UWB implementation. It integrates UWB and Bluetooth antenna, all RF circuitry, Nordic
Semiconductor nRF52832 and motion sensor [1].
The USB connection can provide power to the Module Development Board and also allows for the capability to
flash the DWM1001 module and furthermore to debug software running on the DWM1001 module.
The Power Supply takes its input from USB or from a Battery or from a connected Raspberry Pi. It powers the
module and the other devices on the Module Development Board. It can also charge a connected battery when
powered by USB or the Raspberry Pi.
Two buttons and a number of LEDs are provided for end user applications. A header to interface to the
Raspberry Pi is also provided.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com