Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1619344 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 1619344
Description  Cable connector - CA-19P1N12T008S
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1619344 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  1619344 Datasheet HTML 1Page - PHOENIX CONTACT 1619344 Datasheet HTML 2Page - PHOENIX CONTACT 1619344 Datasheet HTML 3Page - PHOENIX CONTACT 1619344 Datasheet HTML 4Page - PHOENIX CONTACT 1619344 Datasheet HTML 5Page - PHOENIX CONTACT 1619344 Datasheet HTML 6Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
https://www.phoenixcontact.com/pi/products/1619344
08/12/2021   Page 1 / 6
Cable connector - CA-19P1N12T008S - 1619344
Please be informed that the data shown in this PDF Document is generated from our Online Catalog. Please find the complete data in the user's
documentation. Our General Terms of Use for Downloads are valid
(http://phoenixcontact.com/download)
Cable connector, CA, angled, shielded: yes, SPEEDCON locking, M23, No. of pos.: 16+3, Direction of
rotation: Standard, type of contact: Pin, Solder connection, cable diameter range: 10 mm ... 14.5 mm,
coding:N
The figure shows the 12-pos.
product version
Your advantages
 Angled cable outlet for confined spaces
 Can be adapted to various applications, thanks to adjustable cable outlet direction
 Safe use in the field, thanks to high degree of protection
 Connector for flexible on-site assembly
 Consistent EMC protection for reliable transmission of signals
 Reduced connection time with SPEEDCON fast locking system
 Solder connection: proven connection technology for various litz wires
Key Commercial Data
Packing unit
1 pc
GTIN
GTIN
4046356825009
Technical data
Temperature range
Ambient temperature
-40 °C ... 125 °C
Data of the insulating body
Coding
N
Insulator material
PA 6.6
Contact material
CuZn
Contact surface material
Ni/Au
Insertion/withdrawal cycles mechanical
100


Similar Part No. - 1619344

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1619340 PHOENIX-1619340 Datasheet
414Kb / 13P
CA-06P1N8AT0DN - Cable connector
logo
Turck, Inc.
1619341 TURCK-1619341 Datasheet
166Kb / 2P
Inductive sensor
logo
PHOENIX CONTACT
1619341 PHOENIX-1619341 Datasheet
477Kb / 14P
CA-06S1N8AT0DN - Cable connector
1619342 PHOENIX-1619342 Datasheet
367Kb / 10P
CA-06P1N12T0DN - Cable connector
1619343 PHOENIX-1619343 Datasheet
246Kb / 6P
Cable connector - CA-06S1N12T0DN
More results

Similar Description - 1619344

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1619334 PHOENIX-1619334 Datasheet
252Kb / 6P
Cable connector - CA-09P1N12T0DN
1619353 PHOENIX-1619353 Datasheet
241Kb / 6P
Cable connector - CA-16S1N12T008S
1619366 PHOENIX-1619366 Datasheet
244Kb / 6P
Cable connector - CA-07S1N12T008S
1619374 PHOENIX-1619374 Datasheet
242Kb / 6P
Cable connector - CA-19S1N12T007S
1619412 PHOENIX-1619412 Datasheet
241Kb / 6P
Cable connector - CA-12S1N12T006S
1619429 PHOENIX-1619429 Datasheet
262Kb / 6P
Cable connector - CA-17P1N12T0DNS
1620181 PHOENIX-1620181 Datasheet
249Kb / 6P
Cable connector - CA-16P1N12T008
1619725 PHOENIX-1619725 Datasheet
65Kb / 4P
Cable connector - CA-19P1N128006
1619729 PHOENIX-1619729 Datasheet
64Kb / 4P
Cable connector - CA-17P1N128006
1620290 PHOENIX-1620290 Datasheet
252Kb / 6P
Cable connector - CA-06P1N12T006
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com