Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1619344 Datasheet(PDF) 2 Page - PHOENIX CONTACT

Part # 1619344
Description  Cable connector - CA-19P1N12T008S
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1619344 Datasheet(HTML) 2 Page - PHOENIX CONTACT

  1619344 Datasheet HTML 1Page - PHOENIX CONTACT 1619344 Datasheet HTML 2Page - PHOENIX CONTACT 1619344 Datasheet HTML 3Page - PHOENIX CONTACT 1619344 Datasheet HTML 4Page - PHOENIX CONTACT 1619344 Datasheet HTML 5Page - PHOENIX CONTACT 1619344 Datasheet HTML 6Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
https://www.phoenixcontact.com/pi/products/1619344
08/12/2021   Page 2 / 6
Cable connector - CA-19P1N12T008S - 1619344
Technical data
Data of the insulating body
Contact connection method
Solder connection
Type of contacts
Pin
Application
Signal
Number of positions
19
Direction of rotation
Standard
Contact diameter of power contacts
1.5 mm
Litz wire cross section of power contacts max.
1 mm²
Rated current for power contacts
10 A
Rated voltage
48 V AC
74 V DC
Rated surge voltage
1.5 kV
Overvoltage category
III
Degree of pollution
3
Contact diameter of signal contacts
1 mm
Litz wire cross section of signal contacts max.
1 mm²
Nominal current per signal contact
8 A
Housing data
Housing material
Metal
Type of locking
SPEEDCON locking
Degree of protection (when plugged in)
IP67
Thread type
M23
Cable seal data
Cable diameter
10 mm ... 14.5 mm
Sealing material
NBR
Environmental Product Compliance
REACh SVHC
Lead 7439-92-1
China RoHS
Environmentally Friendly Use Period = 50 years
For details about hazardous substances go to tab “Downloads”,
Category “Manufacturer's declaration”
Drawings



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com