Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

QPD1025LEVB2 Datasheet(PDF) 11 Page - Qorvo, Inc

Part # QPD1025LEVB2
Description  1800 W, 65 V, 0.96 ??1.215GHz, GaN RF Input-Matched Transistor
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  QORVO [Qorvo, Inc]
Direct Link  https://www.qorvo.com/
Logo QORVO - Qorvo, Inc

QPD1025LEVB2 Datasheet(HTML) 11 Page - Qorvo, Inc

Back Button QPD1025LEVB2 Datasheet HTML 7Page - Qorvo, Inc QPD1025LEVB2 Datasheet HTML 8Page - Qorvo, Inc QPD1025LEVB2 Datasheet HTML 9Page - Qorvo, Inc QPD1025LEVB2 Datasheet HTML 10Page - Qorvo, Inc QPD1025LEVB2 Datasheet HTML 11Page - Qorvo, Inc QPD1025LEVB2 Datasheet HTML 12Page - Qorvo, Inc QPD1025LEVB2 Datasheet HTML 13Page - Qorvo, Inc QPD1025LEVB2 Datasheet HTML 14Page - Qorvo, Inc QPD1025LEVB2 Datasheet HTML 15Page - Qorvo, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 27 page
background image
QPD1025L
1800 W, 65 V, 0.96
– 1.215GHz, GaN RF Input-Matched Transistor
Datasheet Rev. K, May 2020
│ Subject to changewithout notice
- 11 of 26-
www.qorvo.com
Typical Measured Performance
– Load-Pull Drive-up at 65V 1, 2, 3
Notes:
1.
Test Conditions: VD = 65 V, IDQ = 750 mA, 100 us Pulse Width, 10% Duty Cycle, Temp = 25°C.
2.
The performance shown below is for only half of the device out of the two independent amplification paths.
3.
See
”Pin Configuration and Description” for load pull reference planes where the performance was measured.
50
51
52
53
54
55
56
57
58
59
60
15
16
17
18
19
20
21
22
23
24
25
Output Power [dBm]
Gain and Drain Eff. vs. Output Power
1.2 GHz - Efficiency Tuned
Zs(1fo) = 1.6-2.11i
Zs(2fo) = 0.44+1.11i
Zs(3fo) = 0.52+0.18i
Zl(1fo) = 1.81+0.99i
Zl(2fo) = 0.77+1.34i
Zl(3fo) = 2.17+0.33i
50
51
52
53
54
55
56
57
58
59
60
0
10
20
30
40
50
60
70
80
90
100
Gain
PAE
50
51
52
53
54
55
56
57
58
59
60
15
16
17
18
19
20
21
22
23
24
25
Output Power [dBm]
Gain and Drain Eff. vs. Output Power
1.2 GHz - Power Tuned
Zs(1fo) = 1.6-2.11i
Zs(2fo) = 0.44+1.11i
Zs(3fo) = 0.52+0.18i
Zl(1fo) = 1.81-0.55i
Zl(2fo) = 0.79+1.32i
Zl(3fo) = 2.18+0.34i
50
51
52
53
54
55
56
57
58
59
60
0
10
20
30
40
50
60
70
80
90
100
Gain
PAE
50
51
52
53
54
55
56
57
58
59
60
15
16
17
18
19
20
21
22
23
24
25
Output Power [dBm]
Gain and Drain Eff. vs. Output Power
0.915 GHz - Power Tuned
Zs(1fo) = 0.72-1.74i
Zs(2fo) = 1.65-4.46i
Zs(3fo) = 2.73-0.85i
Zl(1fo) = 1.8-0.25i
Zl(2fo) = 1.1+2.35i
Zl(3fo) = 9.4-3.8i
50
51
52
53
54
55
56
57
58
59
60
0
10
20
30
40
50
60
70
80
90
100
Gain
PAE
50
51
52
53
54
55
56
57
58
59
60
15
16
17
18
19
20
21
22
23
24
25
Output Power [dBm]
Gain and DRain Eff. vs. Output Power
0.915 GHz - Efficiency Tuned
Zs(1fo) = 0.72-1.74i
Zs(2fo) = 1.65-4.46i
Zs(3fo) = 2.73-0.85i
Zl(1fo) = 2.46+2.07i
Zl(2fo) = 1.06+2.35i
Zl(3fo) = 9.48-3.91i
50
51
52
53
54
55
56
57
58
59
60
0
10
20
30
40
50
60
70
80
90
100
Gain
PAE
50
51
52
53
54
55
56
57
58
59
60
15
16
17
18
19
20
21
22
23
24
25
Output Power [dBm]
Gain and Drain Eff. vs. Output Power
1 GHz - Power Tuned
Zs(1fo) = 0.78-2.03i
Zs(2fo) = 0.88-4.24i
Zs(3fo) = 0.75-1.61i
Zl(1fo) = 1.85-0.55i
Zl(2fo) = 0.69+0.72i
Zl(3fo) = 1.16+0.39i
50
51
52
53
54
55
56
57
58
59
60
0
10
20
30
40
50
60
70
80
90
100
Gain
PAE
50
51
52
53
54
55
56
57
58
59
60
15
16
17
18
19
20
21
22
23
24
25
Output Power [dBm]
Gain and Drain Eff. vs. Output Power
1 GHz - Efficiency Tuned
Zs(1fo) = 0.78-2.03i
Zs(2fo) = 0.88-4.24i
Zs(3fo) = 0.75-1.61i
Zl(1fo) = 2.16+1.72i
Zl(2fo) = 0.66+0.76i
Zl(3fo) = 1.15+0.38i
50
51
52
53
54
55
56
57
58
59
60
0
10
20
30
40
50
60
70
80
90
100
Gain
PAE
50
51
52
53
54
55
56
57
58
59
60
15
16
17
18
19
20
21
22
23
24
25
Output Power [dBm]
Gain and Drain Eff. vs. Output Power
1.1 GHz - Power Tuned
Zs(1fo) = 1.23-2.26i
Zs(2fo) = 0.33-0.94i
Zs(3fo) = 1.09-4.09i
Zl(1fo) = 2-0.69i
Zl(2fo) = 0.63
Zl(3fo) = 3.33-0.37i
50
51
52
53
54
55
56
57
58
59
60
0
10
20
30
40
50
60
70
80
90
100
Gain
PAE
50
51
52
53
54
55
56
57
58
59
60
15
16
17
18
19
20
21
22
23
24
25
Output Power [dBm]
Gain and Drain Eff. vs. Output Power
1.1 GHz - Efficiency Tuned
Zs(1fo) = 1.23-2.26i
Zs(2fo) = 0.33-0.94i
Zs(3fo) = 1.09-4.09i
Zl(1fo) = 2.38+1.05i
Zl(2fo) = 0.62+0.01i
Zl(3fo) = 3.34-0.4i
50
51
52
53
54
55
56
57
58
59
60
0
10
20
30
40
50
60
70
80
90
100
Gain
PAE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com