Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

QPD1025LEVB2 Datasheet(PDF) 16 Page - Qorvo, Inc

Part # QPD1025LEVB2
Description  1800 W, 65 V, 0.96 ??1.215GHz, GaN RF Input-Matched Transistor
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  QORVO [Qorvo, Inc]
Direct Link  https://www.qorvo.com/
Logo QORVO - Qorvo, Inc

QPD1025LEVB2 Datasheet(HTML) 16 Page - Qorvo, Inc

Back Button QPD1025LEVB2 Datasheet HTML 12Page - Qorvo, Inc QPD1025LEVB2 Datasheet HTML 13Page - Qorvo, Inc QPD1025LEVB2 Datasheet HTML 14Page - Qorvo, Inc QPD1025LEVB2 Datasheet HTML 15Page - Qorvo, Inc QPD1025LEVB2 Datasheet HTML 16Page - Qorvo, Inc QPD1025LEVB2 Datasheet HTML 17Page - Qorvo, Inc QPD1025LEVB2 Datasheet HTML 18Page - Qorvo, Inc QPD1025LEVB2 Datasheet HTML 19Page - Qorvo, Inc QPD1025LEVB2 Datasheet HTML 20Page - Qorvo, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 27 page
background image
QPD1025L
1800 W, 65 V, 0.96
– 1.215GHz, GaN RF Input-Matched Transistor
Datasheet Rev. K, May 2020
│ Subject to changewithout notice
- 16 of 26-
www.qorvo.com
Typical Measured Performance
– Load-Pull Drive-up at 50V 1, 2, 3
Notes:
1.
Test Conditions: VD = 50 V, IDQ = 750 mA, 100 us Pulse Width, 10% Duty Cycle, Temp = 25°C.
2.
The performance shown below is for only half of the device out of the two independent amplification paths.
3.
See
”Pin Configuration and Description” section for load pull reference planes where the performance was measured.
50
51
52
53
54
55
56
57
58
59
60
13
14
15
16
17
18
19
20
21
22
23
Output Power [dBm]
Gain and PAE vs. Output Power
0.915 GHz - Power Tuned
Zs(1fo) = 0.72-1.74i
Zs(2fo) = 1.65-4.46i
Zs(3fo) = 2.73-0.85i
Zl(1fo) = 1.51-0.51i
Zl(2fo) = 1.21+2.73i
Zl(3fo) = 15.39-10.89i
50
51
52
53
54
55
56
57
58
59
60
0
10
20
30
40
50
60
70
80
90
100
Gain
PAE
48
49
50
51
52
53
54
55
56
57
58
13
14
15
16
17
18
19
20
21
22
23
Output Power [dBm]
Gain and PAE vs. Output Power
0.915 GHz - Efficiency Tuned
Zs(1fo) = 0.72-1.74i
Zs(2fo) = 1.65-4.46i
Zs(3fo) = 2.73-0.85i
Zl(1fo) = 1.91+1.44i
Zl(2fo) = 1.26+2.73i
Zl(3fo) = 14.81-11.79i
48
49
50
51
52
53
54
55
56
57
58
0
10
20
30
40
50
60
70
80
90
100
Gain
PAE
48
49
50
51
52
53
54
55
56
57
58
13
14
15
16
17
18
19
20
21
22
23
Output Power [dBm]
Gain and PAE vs. Output Power
1 GHz - Efficiency Tuned
Zs(1fo) = 0.78-2.03i
Zs(2fo) = 0.88-4.24i
Zs(3fo) = 0.75-1.61i
Zl(1fo) = 2.09+0.99i
Zl(2fo) = 0.68+0.76i
Zl(3fo) = 1.12+0.37i
48
49
50
51
52
53
54
55
56
57
58
0
10
20
30
40
50
60
70
80
90
100
Gain
PAE
50
51
52
53
54
55
56
57
58
59
60
13
14
15
16
17
18
19
20
21
22
23
Output Power [dBm]
Gain and PAE vs. Output Power
1 GHz - Power Tuned
Zs(1fo) = 0.78-2.03i
Zs(2fo) = 0.88-4.24i
Zs(3fo) = 0.75-1.61i
Zl(1fo) = 1.22-0.82i
Zl(2fo) = 0.7+0.75i
Zl(3fo) = 1.13+0.38i
50
51
52
53
54
55
56
57
58
59
60
0
10
20
30
40
50
60
70
80
90
100
Gain
PAE
50
51
52
53
54
55
56
57
58
59
60
13
14
15
16
17
18
19
20
21
22
23
Output Power [dBm]
Gain and PAE vs. Output Power
1.1 GHz - Power Tuned
Zs(1fo) = 1.18-2.13i
Zs(2fo) = 1.44-3.22i
Zs(3fo) = 6.46-1.31i
Zl(1fo) = 1.67-0.78i
Zl(2fo) = 0.52+0.01i
Zl(3fo) = 3.24-0.33i
50
51
52
53
54
55
56
57
58
59
60
0
10
20
30
40
50
60
70
80
90
100
Gain
PAE
48
49
50
51
52
53
54
55
56
57
58
13
14
15
16
17
18
19
20
21
22
23
Output Power [dBm]
Gain and PAE vs. Output Power
1.1 GHz - Efficiency Tuned
Zs(1fo) = 1.18-2.13i
Zs(2fo) = 1.44-3.22i
Zs(3fo) = 6.46-1.31i
Zl(1fo) = 1.8+0.74i
Zl(2fo) = 0.53
Zl(3fo) = 3.21-0.35i
48
49
50
51
52
53
54
55
56
57
58
0
10
20
30
40
50
60
70
80
90
100
Gain
PAE
50
51
52
53
54
55
56
57
58
59
60
13
14
15
16
17
18
19
20
21
22
23
Output Power [dBm]
Gain and PAE vs. Output Power
1.2 GHz - Power Tuned
Zs(1fo) = 2-1.89i
Zs(2fo) = 0.5+1.29i
Zs(3fo) = 0.57+0.38i
Zl(1fo) = 1.4-1.14i
Zl(2fo) = 1.49+3.24i
Zl(3fo) = 2.18+0.34i
50
51
52
53
54
55
56
57
58
59
60
0
10
20
30
40
50
60
70
80
90
100
Gain
PAE
48
49
50
51
52
53
54
55
56
57
58
13
14
15
16
17
18
19
20
21
22
23
Output Power [dBm]
Gain and PAE vs. Output Power
1.2 GHz - Efficiency Tuned
Zs(1fo) = 2-1.89i
Zs(2fo) = 0.5+1.29i
Zs(3fo) = 0.57+0.38i
Zl(1fo) = 1.71+0.09i
Zl(2fo) = 1.41+3.25i
Zl(3fo) = 2.2+0.35i
48
49
50
51
52
53
54
55
56
57
58
0
10
20
30
40
50
60
70
80
90
100
Gain
PAE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com