Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PD70211 Datasheet(PDF) 30 Page - Microchip Technology

Part # PD70211
Description  PD Controller with Switching Regulator for AF/AT/UPOE/ HDBaseT/4-pair PoE Applications
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PD70211 Datasheet(HTML) 30 Page - Microchip Technology

Back Button PD70211 Datasheet HTML 26Page - Microchip Technology PD70211 Datasheet HTML 27Page - Microchip Technology PD70211 Datasheet HTML 28Page - Microchip Technology PD70211 Datasheet HTML 29Page - Microchip Technology PD70211 Datasheet HTML 30Page - Microchip Technology PD70211 Datasheet HTML 31Page - Microchip Technology PD70211 Datasheet HTML 32Page - Microchip Technology PD70211 Datasheet HTML 33Page - Microchip Technology PD70211 Datasheet HTML 34Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 36 page
background image
6.
Ordering Information
The following table lists the ordering information of the PD70211 device.
Table 6-1. Ordering Information
Ambient
Temperature
Type
Part Marking Ordering P/N
Package
–40 °C to 85 °C
RoHS
compliant,
Pb-free
MSCC Logo
70211
Z Z e41
YYWWNNN2
PD70211ILQ-TR
QFN-36
(6 mm × 6 mm, 0.5 mm pitch)
Notes: 
1.
ZZ e4: ZZ = Random character with no meaning, e4 = Second level interconnect.
2.
YY = Year, WW = Week, NNN = Trace code.
PD70211
Ordering Information
© 2020 Microchip Technology Inc.
Datasheet
DS00003672A-page 30



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com