Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PD70211 Datasheet(PDF) 12 Page - Microchip Technology

Part # PD70211
Description  PD Controller with Switching Regulator for AF/AT/UPOE/ HDBaseT/4-pair PoE Applications
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PD70211 Datasheet(HTML) 12 Page - Microchip Technology

Back Button PD70211 Datasheet HTML 8Page - Microchip Technology PD70211 Datasheet HTML 9Page - Microchip Technology PD70211 Datasheet HTML 10Page - Microchip Technology PD70211 Datasheet HTML 11Page - Microchip Technology PD70211 Datasheet HTML 12Page - Microchip Technology PD70211 Datasheet HTML 13Page - Microchip Technology PD70211 Datasheet HTML 14Page - Microchip Technology PD70211 Datasheet HTML 15Page - Microchip Technology PD70211 Datasheet HTML 16Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 36 page
background image
2.4.2
Electrical Characteristics of PWM Section
Unless otherwise specified under conditions, the minimum and maximum ratings listed in the following table apply
over the entire specified operating ratings of the PD70211 device. Typical values stated, are determined either by
design or by production testing at 25 °C ambient. Voltages are with respect to IC ground (VPN_IN).
Table 2-7. Typical Electrical Performance
Symbol
Parameter
Conditions
Min
Typ
Max
Units
Input Voltage Current
VCC_UVLO_UP
UVLO threshold with
input rising
VCC rise time ≥ 0.5 ms
8.85
9.15
9.5
V
VCC_UVLO_DN
UVLO threshold with
input falling
VCC rise time ≥ 0.5 ms
7
7.3
7.6
V
IVCC_SD
IC input current (no
switching)
VENABLE = Low, or
VVCC < VCC_UVLO_UP
—
1
2000
µA
IVCC_Q
IC input current
(switching, no load on
SG, PG, VDD)
VENABLE = High, and
VVCC > VCC_UVLO_UP,
fSW = 500 kHz
—
—
3
mA
Input UVLO/PFW
VINS_TH
Threshold on VINS pin
Rising or falling
1.171
1.200
1.229
V
VHYST_HIGH
Hysteresis pin high
voltage
IHYST_SOURCING = 1 mA
2.8
—
—
V
VHYST_LOW
Hysteresis pin low
voltage
IHYST_SINKING = 3 mA
—
—
0.4
V
LDOs
VL
—
IVDD_EXT < 5 mA (current out
of pin)
4.75
5
5.25
V
VH
VH rail (with respect to
VCC)
—
—
–5
—
V
Soft Start
ISS_CH
Current out of SS pin
during charging phase
RFREQ = 33.3k, VSS = 0.5V
32
36
40
µA
ISS_DISCH
Current into SS pin
during discharging phase
RFREQ = 33.3k,
VSS = 0.5V
—
10
—
% of
ISS_CH
VSS_CH
Soft start charge
completed threshold
By design only
90
—
95
% of
VREF
VSS_DISCH
Soft start discharge
completed threshold
—
—
50
—
mV
RSS_DISCH
Soft-start pin discharge
FET resistance
—
—
50
—
Ω
PD70211
Electrical Specifications
© 2020 Microchip Technology Inc.
Datasheet
DS00003672A-page 12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com