Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PD70100 Datasheet(PDF) 22 Page - Microchip Technology

Part # PD70100
Description  PD Controller with Switching Regulator for AF/AT/UPOE/ HDBaseT/4-pair PoE Applications
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PD70100 Datasheet(HTML) 22 Page - Microchip Technology

Back Button PD70100 Datasheet HTML 18Page - Microchip Technology PD70100 Datasheet HTML 19Page - Microchip Technology PD70100 Datasheet HTML 20Page - Microchip Technology PD70100 Datasheet HTML 21Page - Microchip Technology PD70100 Datasheet HTML 22Page - Microchip Technology PD70100 Datasheet HTML 23Page - Microchip Technology PD70100 Datasheet HTML 24Page - Microchip Technology PD70100 Datasheet HTML 25Page - Microchip Technology PD70100 Datasheet HTML 26Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 36 page
background image
4.
Package Specifications
The following figure shows a 6 mm × 6 mm, 36-pin QFN PD70211 package.
Figure 4-1. QFN Package
Note:  Dimensions do not include protrusions; they must not exceed 0.155 mm (0.006″) on any side. Lead dimension
does not include solder coverage.
Table 4-1. Package Dimensions
Dimension
Millimeters
Inches
Min
Max
Min
Max
A
0.80
1.00
0.031
0.039
A1
0.00
0.05
0
0.002
A3
0.20 REF
0.008 REF
e
0.50 BSC
0.019 BSC
L
0.45
0.65
0.018
0.026
b
0.18
0.30
0.007
0.011
D2
4.00
4.25
0.157
0.167
E2
4.00
4.25
0.157
0.167
D
6.00 BSC
0.236 BSC
E
6.00 BSC
0.236 BSC
K
0.25
—
0.0098
—
PD70211
Package Specifications
© 2020 Microchip Technology Inc.
Datasheet
DS00003672A-page 22



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com