Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PD70100 Datasheet(PDF) 24 Page - Microchip Technology

Part # PD70100
Description  PD Controller with Switching Regulator for AF/AT/UPOE/ HDBaseT/4-pair PoE Applications
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PD70100 Datasheet(HTML) 24 Page - Microchip Technology

Back Button PD70100 Datasheet HTML 20Page - Microchip Technology PD70100 Datasheet HTML 21Page - Microchip Technology PD70100 Datasheet HTML 22Page - Microchip Technology PD70100 Datasheet HTML 23Page - Microchip Technology PD70100 Datasheet HTML 24Page - Microchip Technology PD70100 Datasheet HTML 25Page - Microchip Technology PD70100 Datasheet HTML 26Page - Microchip Technology PD70100 Datasheet HTML 27Page - Microchip Technology PD70100 Datasheet HTML 28Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 36 page
background image
5.
Applications Information
The following sections describe the PD70211 application.
5.1
Peripheral Devices
An 82 nF to 100 nF/100 V capacitor must be placed between device VPP and VPN_IN pins, and located as close as
possible to the device.
A 58V TVS must be placed between device VPP and VPN_IN pins for protection against voltage transients. For
complete surge protection, see www.microchip.com/DS00003410B.
A 10 KΩ resistor must be placed on SUPP_S1 and SUPP_S2 lines between diode bridge and PD70211 device.
When WA_EN is used, a 100 nF to 1 uF/10V capacitor must be placed between WA_EN and VPN_IN pins close to
PD70211 device. Consult Microchip Technology for optimized recommendation.
When not used, WA_EN must be connected to VPN_IN pin.
5.2
Setting Switching Frequency
The RFREQ resistor is connected from RFREQ pin to IC ground. Based on that, the following frequency is obtained:
where, Freq is [Hz] and RFREQ is Ω.
For example, by setting RFREQ = 49900Ω:
Any frequency between 100 kHz to 500 kHz can be set.
Note:  When synchronizing, the default frequency (as set by RFREQ) must be lower than the synchronization clock. If
the synchronization breaks, the converter lapses back to the default value. When synchronizing, the frequency can
be increased to 1 MHz.
5.3
Setting Soft-Start
A capacitor is connected between SS pin and IC ground. The current charging of the capacitor is:
For example, if RFREQ = 49.9k, then:
Therefore, charging a 0.1 µF ceramic cap on the SS pin from 0V to 1.2V takes:
This is the soft-start time in this case.
PD70211
Applications Information
© 2020 Microchip Technology Inc.
Datasheet
DS00003672A-page 24



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com