Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PD70200 Datasheet(PDF) 19 Page - Microchip Technology

Part # PD70200
Description  PD Controller with Switching Regulator for AF/AT/UPOE/ HDBaseT/4-pair PoE Applications
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PD70200 Datasheet(HTML) 19 Page - Microchip Technology

Back Button PD70200 Datasheet HTML 15Page - Microchip Technology PD70200 Datasheet HTML 16Page - Microchip Technology PD70200 Datasheet HTML 17Page - Microchip Technology PD70200 Datasheet HTML 18Page - Microchip Technology PD70200 Datasheet HTML 19Page - Microchip Technology PD70200 Datasheet HTML 20Page - Microchip Technology PD70200 Datasheet HTML 21Page - Microchip Technology PD70200 Datasheet HTML 22Page - Microchip Technology PD70200 Datasheet HTML 23Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 36 page
background image
...........continued
Pin
Number
Designator
Description
19
VSN
The negative input of the internal differential-sense voltage amplifier. Note that the
common-mode range of the differential voltage amplifier is 3.5V and its gain is 7.
This differential amplifier can be used for implementing topologies where the
“system (output) ground” is different from the IC ground. Both output rails (output
rail and its return) can then be step-downed, by equal amounts, using identical
voltage dividers, to bring the voltage below 3.5V. Then, differential sensing can be
used, and finally the output of the differential voltage amplifier (pin DAO) can be
connected to the FB pin.
20
VSP
The positive input of the internal differential-sense voltage amplifier. Note that it
must always be connected in such a way that VSP is at a higher voltage than VSN.
Also, keep in mind that since the differential voltage amplifier has a gain of 7 and
the output of that amplifier is connected to the feedback pin, which compares that
against a 1.2V reference, in effect, the difference between VSP and VSN stabilizes
to 1.2V/7 = 0.171V in steady state. That is how the (identical) voltage dividers
present on VSP and VSN are designed.
21
COMP
This is the output of the internal error amplifier, and the input of the PWM
comparator. It is brought out to support isolated topologies because in such cases,
there is an error amplifier already present on the secondary side (for example, a
TL431 or equivalent). Therefore, the error amplifier of the converter section can be
passed. On the other hand, in non-isolated topologies, the error amplifier of the
converter can be used directly or through the differential voltage amplifier stage.
22
DAO
This is the output of the internal differential voltage amplifier (gain = 7). When this
amplifier is used, DAO is connected to the feedback pin (FB). Part of the
compensation network is between the two pins, and this network is typical of any
Type 3 error amplifier input, with or without a differential amplifier.
23
FB
This is the feedback pin of the IC. It is internally compared to a 1.2V reference. If
the internal error amplifier is not used and the COMP pin is being used to inject the
error signal (as in isolated topologies), the FB pin can be either tied high (to VDD),
or connected to COMP.
24
GND
This is the IC ground or the analog (quiet) ground of the IC. Pin 20 is the Power
Ground (PGND). Typically, the analog ground and PGND can be connected on a
copper island on the component side, and then connect that through several vias
very close to the chip on to a large ground plane which extends up to the lower side
of the current sense resistor. All chip decoupling can then be very simple with
respect to the copper island on the component side.
25
VL
This is created by an internal LDO and basically provides a housekeeping rail for
the IC itself, which is 5V with respect to the IC ground. A 1 µF ceramic cap placed
close to this pin, connected to IC ground is recommended for proper decoupling.
This pin can also provide up to 5 mA for external circuitry if required, thermal
aspects (IC dissipation) being considered.
PD70211
Pin Configuration
© 2020 Microchip Technology Inc.
Datasheet
DS00003672A-page 19



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com