Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PD70200 Datasheet(PDF) 27 Page - Microchip Technology

Part # PD70200
Description  PD Controller with Switching Regulator for AF/AT/UPOE/ HDBaseT/4-pair PoE Applications
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PD70200 Datasheet(HTML) 27 Page - Microchip Technology

Back Button PD70200 Datasheet HTML 23Page - Microchip Technology PD70200 Datasheet HTML 24Page - Microchip Technology PD70200 Datasheet HTML 25Page - Microchip Technology PD70200 Datasheet HTML 26Page - Microchip Technology PD70200 Datasheet HTML 27Page - Microchip Technology PD70200 Datasheet HTML 28Page - Microchip Technology PD70200 Datasheet HTML 29Page - Microchip Technology PD70200 Datasheet HTML 30Page - Microchip Technology PD70200 Datasheet HTML 31Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 36 page
background image
Therefore, roughly:
For a Boost or Buck-Boost, account for the fact must be made that the peak current is not just 1.3 times of maximum
load current, but it is actually:
Therefore, the following equation for sense resistor must be used.
For example, if the maximum load current is 5A, the sense resistor value to use is:
This is roughly half of the Buck (same load current).
For a Flyback topology (Buck-Boost with a transformer), the reflected output current is used:
5.8
Operation with an External DC Source
PD applications utilizing PD70211 IC might be operated with an external power source (DC wall adaptor). Figure 5-2
and Figure 5-3 show the two cases of providing power with an external source.
• External source connected to application’s low voltage supply rails. External source voltage level is dependent
on DC-DC output characteristics. See Figure 5-2 for more details.
• External source connected to PD device output connection towards the application (VPP to VPNOUT). External
source voltage level is dependent on DC-DC input requirements. See Figure 5-3 for more details.
PD70211
Applications Information
© 2020 Microchip Technology Inc.
Datasheet
DS00003672A-page 27



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com