Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PD70210 Datasheet(PDF) 21 Page - Microchip Technology

Part # PD70210
Description  PD Controller with Switching Regulator for AF/AT/UPOE/ HDBaseT/4-pair PoE Applications
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PD70210 Datasheet(HTML) 21 Page - Microchip Technology

Back Button PD70210 Datasheet HTML 17Page - Microchip Technology PD70210 Datasheet HTML 18Page - Microchip Technology PD70210 Datasheet HTML 19Page - Microchip Technology PD70210 Datasheet HTML 20Page - Microchip Technology PD70210 Datasheet HTML 21Page - Microchip Technology PD70210 Datasheet HTML 22Page - Microchip Technology PD70210 Datasheet HTML 23Page - Microchip Technology PD70210 Datasheet HTML 24Page - Microchip Technology PD70210 Datasheet HTML 25Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 36 page
background image
...........continued
Pin
Number
Designator
Description
34
4P_HD_FLAG
Open drain output. The pin gets actively pulled low when a 4-pair HDBaseT PD-
PSE mutually identify each other via classification. There is a minimum 80 ms delay
from the moment that the input capacitor is fully charged to this signal activity.
Signal is referenced to VPN_OUT.
35
VPP
Upper rail of the incoming PSE voltage rail—from the positive terminal of the two
OR-ed bridge rectifiers (the corresponding lower PoE rail is VPN_IN).
36
RDET
Internally connects to VPN_IN during detection phase and disengages after it is
over. A 25 KΩ (or 24.9K), 1% resistor is connected between this pin and VPP.
37
EPAD
Connected on PCB plane to VPN_IN.
PD70211
Pin Configuration
© 2020 Microchip Technology Inc.
Datasheet
DS00003672A-page 21



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com