Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PD70210 Datasheet(PDF) 13 Page - Microchip Technology

Part # PD70210
Description  PD Controller with Switching Regulator for AF/AT/UPOE/ HDBaseT/4-pair PoE Applications
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PD70210 Datasheet(HTML) 13 Page - Microchip Technology

Back Button PD70210 Datasheet HTML 9Page - Microchip Technology PD70210 Datasheet HTML 10Page - Microchip Technology PD70210 Datasheet HTML 11Page - Microchip Technology PD70210 Datasheet HTML 12Page - Microchip Technology PD70210 Datasheet HTML 13Page - Microchip Technology PD70210 Datasheet HTML 14Page - Microchip Technology PD70210 Datasheet HTML 15Page - Microchip Technology PD70210 Datasheet HTML 16Page - Microchip Technology PD70210 Datasheet HTML 17Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 36 page
background image
...........continued
Symbol
Parameter
Conditions
Min
Typ
Max
Units
tDISCH
Soft-start discharge FET
on-time
—
—
32
—
Switch
cycles
Switching Frequency and Synchronization
fsw_range
Switching frequency
accuracy
RFREQ = 33.2k
285
315
345
kHz
fsync_max
Maximum
synchronization
frequency
—
1
—
—
MHz
VSYNC_HI
SYNC pin high threshold
—
2.4
—
—
V
VSYNC_LO
SYNC pin low threshold
—
—
—
0.8
V
tsync
Minimum pulse width of
SYNC pulse
—
100
—
—
ns
Dsync_max
Maximum SYNC pulse
duty cycle
—
—
—
90
%
Error Amplifier
VREF
Reference voltage
—
1.171
1.200
1.229
V
GainDC_OPL
DC open-loop gain
Rload = 100k
70
100
—
dB
AVUGBW
Unity gain bandwidth
Cload = 10 pF (By design
only)
2
5
—
MHz
ICOMP_OUT
Output sourcing current
0.2V ≤ VCOMP ≤ 1.3V
110
—
620
µA
ICOMP_IN
Output sinking current
0.2V ≤ VCOMP ≤ 1.3V
145
—
495
µA
VEA_CMR_MAX
Maximum of input
common-mode range
—
2
—
—
V
VCLAMP
COMP pin high clamp
—
1.8
2.1
2.6
V
PWM Comparator
VOFFSET
Inserted offset in inverted
input
—
200
—
300
mV
VRCLP
Voltage set on RCLP pin
by external resistor to
GND
—
0
—
1
V
Current Sense Amplifier
GainCSA
DC Gain
0 mA < IAUX < 4 mA
4.75
5
5.25
V
IAUX
Maximum continuous
current from VAUX
—
4
—
—
mA
VCSA_CMR_MAX Maximum input common-
mode range
—
2
—
—
V
PD70211
Electrical Specifications
© 2020 Microchip Technology Inc.
Datasheet
DS00003672A-page 13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com