Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PDS-408G/AC Datasheet(PDF) 2 Page - Microchip Technology

Part # PDS-408G/AC
Description  Digital Ceiling PoE Switch
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PDS-408G/AC Datasheet(HTML) 2 Page - Microchip Technology

  PDS-408G/AC Datasheet HTML 1Page - Microchip Technology PDS-408G/AC Datasheet HTML 2Page - Microchip Technology PDS-408G/AC Datasheet HTML 3Page - Microchip Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
www.microchip.com
Specifications
Feature
Description
Number of Ports
8+3
Data Rate
10/100/1000 Mbps
PoE Output
480W
VLAN
802.1Q VLAN switch with 8K MACs and 4K VLANs
Push/pop up to two VLAN tags
Port-Isolation and Private-VLAN
Isolate ports without VLAN configuration.
MAC Address Table
8k
Jumbo Frame
9.6k
Spanning Tree
STP/RSTP/MSTP
IGMP Snooping
IPv4, IPv6, IGMP Snooping v1-v3, including IGMP Querier
Link Aggregation
IEEE 802.3ad LACP or Static
Access control List
Limit which network protocol and IP can manage the unit
SNMP
SNMP MIBs used to monitoring and semi management
Management Web
HTTP/HTTPS, CLI, Telnet, SSHv2, SNMPv1,v2C, and V3
Port Mirroring
Mirror Rx, Tx and both
Software Upgrade
Easy upgrade over HTTP (also TFTP) with dual image support and no PoE power loss
during software update
Standards
IEEE 802.3bt and at Power over Ethernet (PoE) up to 90W
Ethernet 10/100/1000 IEEE 802.3, 802.3u, 802.3ab, 802.3z
IEEE 802.3x Flow control and back pressure
IEEE 802.3ad port trunk with LACP
Spanning Tree STP/RSTM/MSTP IEEE 802.1D, 802.1w, 802.1s
IEEE 802.1ab LLDP
IEEE 802.1Q VLAN tagging
IEEE 802.3az energy efficient Ethernet
Input Power Requirements
AC Input Voltage: 100 to 240 Vac
AC Frequency: 50 to 60 Hz
Weight
5.3 kg
Dimensions
443 mm × 291 mm × 44.4 mm (L, W, H)
Thermal
Passive cooling – no fan



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com