Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PDS-408G/AC Datasheet(PDF) 1 Page - Microchip Technology

Part # PDS-408G/AC
Description  Digital Ceiling PoE Switch
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PDS-408G/AC Datasheet(HTML) 1 Page - Microchip Technology

  PDS-408G/AC Datasheet HTML 1Page - Microchip Technology PDS-408G/AC Datasheet HTML 2Page - Microchip Technology PDS-408G/AC Datasheet HTML 3Page - Microchip Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Summary
The PDS-408G Digital Ceiling PoE Switch offers optimal and cost-effective solution for PoE application like PoE lighting and other
digital ceiling applications. It allows lighting fixtures and other Ethernet terminals to receive power, along with data, over standard
Ethernet cables in the most efficient way. PDS-408G is a 480W fan-less switch, designed to be deployed in the ceiling or in com-
munications rooms. Provides automatic output PoE power based on PoE PD device class. It supports full power mode by providing
60W for all 8 ports simultaneously and any specific port can go up to 90W.
The 480W high-speed switch can be managed over Web, SSH, Telnet and CLI. It has 8 ports of 10/100/1000 Mbps (Gigabit
Ethernet) with PoE BT ports, 2 Gigabit ports, and one 1000M/100M SFP port.
www.microchip.com
Power Over Ethernet
PDS-408G
Digital Ceiling PoE Switch
Key Features
• 8 x 10/100/1000 PoE ports
• Uplinks: 2x 10/100/1000 Copper,
• 1x SFP – Fiber/Copper
• Total available power for PoE – 480W: Full power sup-
ported: 8x 60W (total 480W)
• Ports can go up to 90W per port (total 480W)
• Supports IEEE 802.3bt (backwards compatible to IEE
802.3at/af)
• Legacy PoE detection mode option can be activated to
support pre-standard devices
• Fan-less design
• High power efficiency: low standby consumption < 10[W]
• Layer 2 switch – including VLAN, STP-spanning tree
backup and loop protection, LACP Link aggregation, IGMP
Snooping, LLDP, Port isolation and Port mirroring
• Remote management – Web HTTP/HTTPS (encrypted TLS
v1.2), ACL- Access list for enhanced secured remote users
access, Telnet, SSHv2, SNMPv2-v3, RADIUS/TACACS
user authentication
• Software update can be performed without interfering the
POE delivery to connected PoE devices rates
Digital Ceiling
Digital
Ceiling
PoE
PoE
Network
Power LED
Lighting
Sensors
(Light, Motion,
Co, BTLE)
Plenum-rated Power over
Ethernet network infrastructure
Smart Spaces
API
API
Energy Management
API
Building
Management
Lightning
Control
Building
Automation
HVAC IP Video
Surveilance
Camera
Wi-Fi®
Access
Point
Network
Infastructure
Applications
Control
Systems
PoE Switch
PoE Switch
PoE Switch
PoE Switch


Similar Part No. - PDS-408G/AC

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
PDS-104GO MICROCHIP-PDS-104GO Datasheet
531Kb / 3P
4 1 Outdoor Switch, 60W Per Port, Managed PoE, AC Input
11/20
PDS-104GO/AC/M-CC MICROCHIP-PDS-104GO/AC/M-CC Datasheet
531Kb / 3P
4 1 Outdoor Switch, 60W Per Port, Managed PoE, AC Input
11/20
logo
Merrimac Industries, In...
PDS-20-600 MERRIMAC-PDS-20-600 Datasheet
48Kb / 1P
0 POWER DIVIDERS / COMBINERS
logo
Vishay Siliconix
PDS-500 VISHAY-PDS-500 Datasheet
77Kb / 3P
Plasma Panel Display Modules 128 x 64 Graphics Display with Video Interface, DC Converter and Drive Circuitry
05-Dec-00
PDS-500 VISHAY-PDS-500 Datasheet
84Kb / 3P
Plasma Panel Display Modules 192 x 64 Graphics Display with Drive Electronics TTL Level Data Interface and Integrated DC Converter
05-Dec-00
More results

Similar Description - PDS-408G/AC

ManufacturerPart #DatasheetDescription
logo
Lumins Inc.
AR101 LUMINIS-AR101 Datasheet
192Kb / 4P
Ceiling mount
OC100 LUMINIS-OC100 Datasheet
186Kb / 4P
Ceiling mount
W1000 LUMINIS-W1000 Datasheet
86Kb / 2P
Ceiling mount
SR150 LUMINIS-SR150 Datasheet
301Kb / 4P
Ceiling mount
SR300 LUMINIS-SR300 Datasheet
304Kb / 4P
Ceiling mount
SR700 LUMINIS-SR700 Datasheet
298Kb / 4P
Ceiling mount
TR15 LUMINIS-TR15 Datasheet
131Kb / 3P
Ceiling mount
TR25 LUMINIS-TR25 Datasheet
140Kb / 3P
Ceiling mount
logo
List of Unclassifed Man...
17045 ETC1-17045 Datasheet
120Kb / 1P
Ceiling Switch, Pull Cord
HEST10M-8E-2G ETC2-HEST10M-8E-2G Datasheet
721Kb / 3P
Industrial Ethernet POE/PoE Switch
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com