Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HSML-A100-R7PJ1 Datasheet(PDF) 6 Page - Agilent(Hewlett-Packard)

Part # HSML-A100-R7PJ1
Description  Surface Mount LED Indicator
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HSML-A100-R7PJ1 Datasheet(HTML) 6 Page - Agilent(Hewlett-Packard)

Back Button HSML-A100-R7PJ1 Datasheet HTML 2Page - Agilent(Hewlett-Packard) HSML-A100-R7PJ1 Datasheet HTML 3Page - Agilent(Hewlett-Packard) HSML-A100-R7PJ1 Datasheet HTML 4Page - Agilent(Hewlett-Packard) HSML-A100-R7PJ1 Datasheet HTML 5Page - Agilent(Hewlett-Packard) HSML-A100-R7PJ1 Datasheet HTML 6Page - Agilent(Hewlett-Packard) HSML-A100-R7PJ1 Datasheet HTML 7Page - Agilent(Hewlett-Packard) HSML-A100-R7PJ1 Datasheet HTML 8Page - Agilent(Hewlett-Packard) HSML-A100-R7PJ1 Datasheet HTML 9Page - Agilent(Hewlett-Packard) HSML-A100-R7PJ1 Datasheet HTML 10Page - Agilent(Hewlett-Packard) Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
6
Packaging Option
Color Bin Selection
Intensity Bin Select
Device Specific Configuration
Package Type
LED Chip Color
HSM x1 - A x2 x3x4 - x5x6 x7 x8x9
Part Numbering System
Absolute Maximum Ratings (TA = 25°C)
Parameters
HSMS/D/Y/G
HSMH
HSMC/J/L/A HSME
HSMZ/V/U
HSMM/K/B/N
DC Forward Current[1]
30 mA
30 mA
30 mA[3,4]
20 mA[3,4]
30 mA[3,4]
30 mA
Peak Forward Current[2]
100 mA
100 mA
100 mA
100 mA
100 mA
100 mA
Power Dissipation
63 mW
60 mW
63 mW
48 mW
72 mW
114 mW
Reverse Voltage
5 V
Junction Temperature
110
°C
Operating Temperature
–55
°C to +100°C
Storage Temperature
–55
°C to +100°C
Notes:
1. Derate linearly as shown in Figure 4.
2. Duty factor = 10%, Frequency = 1 kHz.
3. Drive current between 10 mA and 30 mA is recommended for best long term performance.
4. Operation at current below 5 mA is not recommended.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com