Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HSML-A100-R7PJ1 Datasheet(PDF) 7 Page - Agilent(Hewlett-Packard)

Part # HSML-A100-R7PJ1
Description  Surface Mount LED Indicator
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HSML-A100-R7PJ1 Datasheet(HTML) 7 Page - Agilent(Hewlett-Packard)

Back Button HSML-A100-R7PJ1 Datasheet HTML 3Page - Agilent(Hewlett-Packard) HSML-A100-R7PJ1 Datasheet HTML 4Page - Agilent(Hewlett-Packard) HSML-A100-R7PJ1 Datasheet HTML 5Page - Agilent(Hewlett-Packard) HSML-A100-R7PJ1 Datasheet HTML 6Page - Agilent(Hewlett-Packard) HSML-A100-R7PJ1 Datasheet HTML 7Page - Agilent(Hewlett-Packard) HSML-A100-R7PJ1 Datasheet HTML 8Page - Agilent(Hewlett-Packard) HSML-A100-R7PJ1 Datasheet HTML 9Page - Agilent(Hewlett-Packard) HSML-A100-R7PJ1 Datasheet HTML 10Page - Agilent(Hewlett-Packard) HSML-A100-R7PJ1 Datasheet HTML 11Page - Agilent(Hewlett-Packard) Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
7
Electrical Characteristics (TA = 25˚C)
Forward Voltage
Reverse Voltage
Reverse Voltage
Thermal
VF (Volts) @ IF = 20 mA
VR @ 100 µAVR @ 10 µA
Resistance
Part Number
Typ.
Max.
Min.
Min.
R
θJP (°C/W)
HSMS/D/Y/G
2.2
2.6
5
—
180
HSMH
1.9
2.6
5
—
180
HSMC/J/L/A/E
1.9
2.4
5
—
280
HSMZ/V/U
2.2
2.6
5
—
280
HSMB
3.9
4.3
—
5
280
HSMM/K/N
3.4
4.05
—
5
280
Optical Characteristics (TA = 25˚C)
Viewing
Luminous
Peak
Dominant
Angle
Luminous
Intensity/
Wavelength
Wavelength[1] 2
θ1/2[2]
Efficacy
ηv[3] TotalFlux
Dice
λPEAK (nm)
λD (nm)
(Degrees)
(lm/W)
Iv(mcd)/Φv(mlm)
Color
Part Number
Technology
Typ.
Typ.
Typ.
Typ.
Typ.
Red
HSMS-A100
GaP
635
626
120
120
0.45
HSMH-A100
AlGaAs
645
637
120
63
0.45
HSMC-A10x
AlInGaP
635
626
120
150
0.45
HSMZ-A100
AlInGaP
639
630
120
155
0.45
RedOrange
HSMJ-A10x
AlInGaP
621
615
120
240
0.45
HSMV-A100
AlInGaP
623
617
120
263
0.45
Orange
HSMD-A100
GaP
600
602
120
380
0.45
HSML-A10x
AlInGaP
609
605
120
320
0.45
Amber
HSMY-A100
GaP
583
585
120
520
0.45
HSMA-A10x
AlInGaP
592
590
120
480
0.45
HSMU-A100
AlInGaP
594
592
120
500
0.45
YellowGreen
HSMG-A100
GaP
565
569
120
590
0.45
HSME-A100
AlInGaP
575
570
120
560
0.45
EmeraldGreen HSMG-A100
GaP
558
560
120
650
0.45
HSME-A100
AlInGaP
566
560
120
610
0.45
Green
HSMM-A10x
InGaN
523
525
120
500
0.45
Cyan
HSMK-A10x
InGaN
502
505
120
300
0.45
Blue
HSMB-A100
GaN
428
462
120
65
0.45
HSMN-A10x
InGaN
468
470
120
75
0.45
Notes:
1.
The dominant wavelength,
λD, is derived from the CIE Chromaticity Diagram and represents the color of the device.
2.
θ1/2 is the off-axis angle where the luminous intensity is 1/2 the peak intensity.
3.
Radiant intensity, Ie in watts/steradian, may be calculated from the equation Ie = Iv/
ηv, where Iv is the luminous intensity in candelas and ηv is
the luminous efficacy in lumens/watt.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com