Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OBT300-R201-2EP-IO-V1 Datasheet(PDF) 3 Page - Pepperl+Fuchs Inc.

Part # OBT300-R201-2EP-IO-V1
Description  Triangulation sensor with background suppression
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PF [Pepperl+Fuchs Inc.]
Direct Link  https://www.pepperl-fuchs.com/
Logo PF - Pepperl+Fuchs Inc.

OBT300-R201-2EP-IO-V1 Datasheet(HTML) 3 Page - Pepperl+Fuchs Inc.

  OBT300-R201-2EP-IO-V1 Datasheet HTML 1Page - Pepperl+Fuchs Inc. OBT300-R201-2EP-IO-V1 Datasheet HTML 2Page - Pepperl+Fuchs Inc. OBT300-R201-2EP-IO-V1 Datasheet HTML 3Page - Pepperl+Fuchs Inc. OBT300-R201-2EP-IO-V1 Datasheet HTML 4Page - Pepperl+Fuchs Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Germany: +49 621 776 1111
Pepperl+Fuchs Group
Refer to "General Notes Relating to Pepperl+Fuchs Product Information".
USA: +1 330 486 0001
Singapore: +65 6779 9091
www.pepperl-fuchs.com
fa-info@us.pepperl-fuchs.com
fa-info@sg.pepperl-fuchs.com
fa-info@de.pepperl-fuchs.com
Triangulation sensor with background suppression
OBT300-R201-2EP-IO-V1
3
To unlock the adjustment functions, rotate the sensing range/sensitivity adjuster by more than 180°.
Sensing Range/Sensitivity
To increase the sensing range/sensitivity, rotate the sensing range/sensitivity adjuster clockwise.
To reduce the sensing range/sensitivity, rotate the sensing range/sensitivity adjuster counter-clockwise.
As soon as the end of the adjustment range is reached, the signal indicator flashes at 8 Hz.
Approvals and certificates
UL approval
E87056 , cULus Listed , class 2 power supply , type rating 1
CCC approval
CCC approval / marking not required for products rated ≤36 V
Curves/Diagrams
X
Distance X [mm]
Offset Y [mm]
Characteristic response curve
white 90 %
grey 18 %
black 6 %
0
20
40
60
80 100 120 140 160 180 200 220 240 260 280 300
4
3
2
1
0
-1
-2
-3
-4
white
grey
black
Detection range [mm]
Object colour
Detection ranges
0
25
50
75
100
125
150
175
200
225
250
275
300
X
90%
18%
6%
X
Adjusted detection distance X [mm]
Deviation of measured detection distance X [%]
Difference in detection distance
black / white
grey / white
6
5
4
3
2
1
0
0
50
100
150
200
250
300
350



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com