Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OBT300-R201-2EP-IO-V1 Datasheet(PDF) 4 Page - Pepperl+Fuchs Inc.

Part # OBT300-R201-2EP-IO-V1
Description  Triangulation sensor with background suppression
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PF [Pepperl+Fuchs Inc.]
Direct Link  https://www.pepperl-fuchs.com/
Logo PF - Pepperl+Fuchs Inc.

OBT300-R201-2EP-IO-V1 Datasheet(HTML) 4 Page - Pepperl+Fuchs Inc.

  OBT300-R201-2EP-IO-V1 Datasheet HTML 1Page - Pepperl+Fuchs Inc. OBT300-R201-2EP-IO-V1 Datasheet HTML 2Page - Pepperl+Fuchs Inc. OBT300-R201-2EP-IO-V1 Datasheet HTML 3Page - Pepperl+Fuchs Inc. OBT300-R201-2EP-IO-V1 Datasheet HTML 4Page - Pepperl+Fuchs Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Germany: +49 621 776 1111
Pepperl+Fuchs Group
Refer to "General Notes Relating to Pepperl+Fuchs Product Information".
USA: +1 330 486 0001
Singapore: +65 6779 9091
www.pepperl-fuchs.com
fa-info@us.pepperl-fuchs.com
fa-info@sg.pepperl-fuchs.com
fa-info@de.pepperl-fuchs.com
Triangulation sensor with background suppression
OBT300-R201-2EP-IO-V1
4
Configuring Light On/Dark On
Press the light-on/dark-on changeover switch for more than 1 second (but less than 4 seconds). "Light on/dark on" mode changes
and the relevant operating indicator lights up.
If you press the light-on/dark-on changeover switch for longer than 4 seconds, the "light on/dark on" mode will switch back to the
original setting. The current status is activated when the light-on/dark-on changeover switch is released.
Restoring Factory Settings
Press the light-on/dark-on changeover switch for more than 10 seconds (but less than 30 seconds) until all LEDs go out. When
the light-on/dark-on changeover switch is released, the signal indicator lights up. After 5 seconds, the sensor resumes operation
with the factory settings.
The adjustment functions are locked after 5 minutes of inactivity. To unlock the adjustment functions, rotate the sensing range/
sensitivity adjuster again by more than 180°.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com