Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TA2425A Datasheet(PDF) 1 Page - TAI-SAW TECHNOLOGY CO., LTD.

Part # TA2425A
Description  SAW Filter 654MHz SMD 3.8횞3.8 mm (BW=32MHz)
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAI-SAW [TAI-SAW TECHNOLOGY CO., LTD.]
Direct Link  http://www.taisaw.com
Logo TAI-SAW - TAI-SAW TECHNOLOGY CO., LTD.

TA2425A Datasheet(HTML) 1 Page - TAI-SAW TECHNOLOGY CO., LTD.

  TA2425A Datasheet HTML 1Page - TAI-SAW TECHNOLOGY CO., LTD. TA2425A Datasheet HTML 2Page - TAI-SAW TECHNOLOGY CO., LTD. TA2425A Datasheet HTML 3Page - TAI-SAW TECHNOLOGY CO., LTD. TA2425A Datasheet HTML 4Page - TAI-SAW TECHNOLOGY CO., LTD. TA2425A Datasheet HTML 5Page - TAI-SAW TECHNOLOGY CO., LTD. TA2425A Datasheet HTML 6Page - TAI-SAW TECHNOLOGY CO., LTD. TA2425A Datasheet HTML 7Page - TAI-SAW TECHNOLOGY CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
TAI-SAW TECHNOLOGY CO., LTD.
FR-71S03-02
TST DCC
Release document
TAI-SAW TECHNOLOGY CO., LTD.
No. 3, Industrial 2nd Rd., Ping-Chen Industrial District,
Taoyuan, 324, Taiwan, R.O.C.
TEL: 886-3-4690038
FAX: 886-3-4697532
E-mail: tstsales@mail.taisaw.com
Web: www.taisaw.com
Product Specifications Approval Sheet
Product Name: SAW Filter 654MHz SMD 3.8×3.8 mm (BW=32MHz)
TST Parts No.: TA2425A
Customer Parts No.:
Company:
Division:
Approved by :
Date:
Checked by:
Hong Pu Lin
Approval by:
Andy Yu
Date:
2019/06/07
1.
Customer signed back is required before TST can proceed with sample build and receive orders.
2.
Orders received without customer signed back will be regarded as agreement on the specifications.
3.
Any specifications changes must be approved upon by both parties and a new revision of specifications
shall be released to reflect the changes.


Similar Part No. - TA2425A

ManufacturerPart #DatasheetDescription
logo
Crydom Inc.,
TA2425 CRYDOM-TA2425 Datasheet
568Kb / 5P
Panel Mount
More results

Similar Description - TA2425A

ManufacturerPart #DatasheetDescription
logo
TAI-SAW TECHNOLOGY CO.,...
TB0210A TAI-SAW-TB0210A Datasheet
232Kb / 7P
SAW Filter 374MHz 17MHz BW (SMD 3.8횞3.8 mm)
TB0995A TAI-SAW-TB0995A Datasheet
317Kb / 6P
SAW Filter 184.32MHz 5MHz BW (SMD 3.8횞3.8 mm)
TA2418A TAI-SAW-TA2418A Datasheet
661Kb / 7P
SAW Filter 482MHz SMD 3.8횞3.8 mm (BW=24MHz)
TA2421A TAI-SAW-TA2421A Datasheet
404Kb / 7P
SAW Filter 558MHz SMD 3.0횞3.0 mm (BW=32MHz)
TA2424A TAI-SAW-TA2424A Datasheet
428Kb / 7P
SAW Filter 622MHz SMD 3.8횞3.8 mm (BW=32MHz)
TA2426A TAI-SAW-TA2426A Datasheet
401Kb / 7P
SAW Filter 686MHz SMD 3.0횞3.0 mm (BW=32MHz)
TA2678A TAI-SAW-TA2678A Datasheet
414Kb / 6P
SAW Filter 558MHz SMD 3.0횞3.0 mm (BW=32MHz)
TA2681A TAI-SAW-TA2681A Datasheet
392Kb / 6P
SAW Filter 622MHz SMD 3.8횞3.8 mm (BW=32MHz)
TA2682A TAI-SAW-TA2682A Datasheet
395Kb / 6P
SAW Filter 654MHz SMD 3.8횞3.8 mm (BW=32MHz)
TA2684A TAI-SAW-TA2684A Datasheet
400Kb / 6P
SAW Filter 718MHz SMD 3.0횞3.0 mm (BW=32MHz)
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com