Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TA2425A Datasheet(PDF) 2 Page - TAI-SAW TECHNOLOGY CO., LTD.

Part # TA2425A
Description  SAW Filter 654MHz SMD 3.8횞3.8 mm (BW=32MHz)
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAI-SAW [TAI-SAW TECHNOLOGY CO., LTD.]
Direct Link  http://www.taisaw.com
Logo TAI-SAW - TAI-SAW TECHNOLOGY CO., LTD.

TA2425A Datasheet(HTML) 2 Page - TAI-SAW TECHNOLOGY CO., LTD.

  TA2425A Datasheet HTML 1Page - TAI-SAW TECHNOLOGY CO., LTD. TA2425A Datasheet HTML 2Page - TAI-SAW TECHNOLOGY CO., LTD. TA2425A Datasheet HTML 3Page - TAI-SAW TECHNOLOGY CO., LTD. TA2425A Datasheet HTML 4Page - TAI-SAW TECHNOLOGY CO., LTD. TA2425A Datasheet HTML 5Page - TAI-SAW TECHNOLOGY CO., LTD. TA2425A Datasheet HTML 6Page - TAI-SAW TECHNOLOGY CO., LTD. TA2425A Datasheet HTML 7Page - TAI-SAW TECHNOLOGY CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
TAI-SAW TECHNOLOGY CO., LTD.
2
TST DCC
Release document
TAI-SAW TECHNOLOGY CO., LTD.
No. 3, Industrial 2nd Rd., Ping-Chen Industrial District,
Taoyuan, 324, Taiwan, R.O.C.
TEL: 886-3-4690038
FAX: 886-3-4697532
E-mail: tstsales@mail.taisaw.com
Web: www.taisaw.com
SAW Filter 654Hz
MODEL NO.: TA2425A
REV. NO.:2
A. MAXIMUM RATING:
1. Input Power Level: 20 dBm(CW for 70000hrs at 25°C)
2. DC voltage: 5 V
3. Operating Temperature: -40°C to +105°C
4. Storage Temperature: -40°C to +105°C
5. Moisture Sensitivity Level: Level 1(MSL1)
B. ELECTRICAL CHARACTERISTICS:
Item
Unit
min
type
Max
Center Frequency
Fc
MHz
654
Insertion Loss 638~670MHz (0°°°°C to +50°°°°C)
dB
2.6
3.5
Insertion Loss 638~670MHz (-40°°°°C to +105°°°°C)
dB
2.6
5
Return Loss 638~670MHz (0°°°°C to +50°°°°C)
dB
12
16
Pass band 638~670MHz
MHz
32
43
Attenuation (Reference level from 0dB)
10~430
MHz
dB
45
49
430~580
MHz
dB
35
38
740~1100
MHz
dB
35
38
1100~1250
MHz
dB
32
34
Temperature Coefficient of Frequency
ppm/℃
-75 typ
C. MEASUREMENT CIRCUIT:
RoHS Compliant
Lead free
Lead-free soldering



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com