Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

W9NK90Z Datasheet(PDF) 1 Page - STMicroelectronics

Part # W9NK90Z
Description  N-CHANNEL 900V - 1.1Ohm - 8A - TO-220/FP-D2PAK-TO-247 Zener-Protected SuperMESH MOSFET
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

W9NK90Z Datasheet(HTML) 1 Page - STMicroelectronics

  W9NK90Z Datasheet HTML 1Page - STMicroelectronics W9NK90Z Datasheet HTML 2Page - STMicroelectronics W9NK90Z Datasheet HTML 3Page - STMicroelectronics W9NK90Z Datasheet HTML 4Page - STMicroelectronics W9NK90Z Datasheet HTML 5Page - STMicroelectronics W9NK90Z Datasheet HTML 6Page - STMicroelectronics W9NK90Z Datasheet HTML 7Page - STMicroelectronics W9NK90Z Datasheet HTML 8Page - STMicroelectronics W9NK90Z Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
July 2006
Rev 4
1/16
16
STB9NK90Z - STFPNK90Z
STP9NK90Z - STW9NK90Z
N-channel 900V - 1.1
Ω - 8A - TO-220 /FP- D2PAK - TO-247
Zener-protected superMESHTM MOSFET
General features
■ Extremely high dv/dt capability
■ 100% avalanche tested
■ Gate charge minimized
Description
The SuperMESH™ series is obtained through an
extreme optimization of ST’s well established
strip-based PowerMESH™ layout. In addition to
pushing on-resistance significantly down, special
care is taken to ensure a very good dv/dt
capability for the most demanding applications.
Applications
■ Switching application
Internal schematic diagram
Type
VDSS
RDS(on)
ID
Pw
STB9NK90Z
900V
<1.3
Ω
8A
160 W
STW9NK90Z
900V
<1.3
Ω
8A
160 W
STP9NK90Z
900V
<1.3
Ω
8A
160 W
STF9NK90Z
900V
<1.3
Ω
8A
160 W
1
2
3
1
3
1
2
3
TO-220
D²PAK
TO-247
TO-220FP
www.st.com
Order codes
Part number
Marking
Package
Packaging
STB9NK90Z
B9NK90Z
D²PAK
Tape & reel
STF9NK90Z
F9NK90Z
TO-220FP
Tube
STP9NK90Z
P9NK90Z
TO-220
Tube
STW9NK90Z
W9NK90Z
TO-247
Tube


Similar Part No. - W9NK90Z

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
W9NK70Z STMICROELECTRONICS-W9NK70Z Datasheet
664Kb / 14P
N-CHANNEL 700V - 1ohm - 7.5A TO-220/FP/D2PAK/I2PAK/TO-247 Zener-Protected SuperMESH™ 줡ower MOSFET
April 2002
More results

Similar Description - W9NK90Z

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STP13NK60Z STMICROELECTRONICS-STP13NK60Z Datasheet
657Kb / 14P
N-CHANNEL 600V-0.48ohm-13A TO-220/FP/D2PAK/I2PAK/TO-247 Zener-Protected SuperMESH™Power MOSFET
Feb-2003
STP14NK50Z STMICROELECTRONICS-STP14NK50Z Datasheet
673Kb / 14P
N-CHANNEL 500V-0.34ohm-14ATO-220/FP/D2PAK/I2PAK/TO-247 Zener-Protected SuperMESH™ 줡ower MOSFET
March 2003
STP14NK60Z STMICROELECTRONICS-STP14NK60Z Datasheet
672Kb / 17P
N-CHANNEL 600V-0.45ohm-13.5A TO-220/FP/D2PAK/I2PAK/TO-247 Zener-Protected SuperMESH Power MOSFET
06-Sep-2005
STP15NK50Z STMICROELECTRONICS-STP15NK50Z Datasheet
672Kb / 14P
N-CHANNEL500V-0.30ohm-14ATO-220/FP/D2PAK/I2PAK/TO-247 Zener-Protected SuperMESH™ Power MOSFET
Aug-2002
STP9NK70Z STMICROELECTRONICS-STP9NK70Z Datasheet
664Kb / 14P
N-CHANNEL 700V - 1ohm - 7.5A TO-220/FP/D2PAK/I2PAK/TO-247 Zener-Protected SuperMESH™ 줡ower MOSFET
April 2002
ST_STP9NK90Z STMICROELECTRONICS-ST_STP9NK90Z Datasheet
478Kb / 11P
N-CHANNEL 900V - 1.1W - 8A TO-220/TO-220FP/TO-247 Zener-Protected SuperMESH™ Power MOSFET
Apr-2003
STP14NK50Z STMICROELECTRONICS-STP14NK50Z_06 Datasheet
626Kb / 19P
N-channel 500V - 0.34OHM - 14A TO-220/FP/D2PAK/I2PAK/TO-247 Zener-protected SuperMESH Power MOSFET
26-Jul-2006
STP6NK90Z STMICROELECTRONICS-STP6NK90Z_07 Datasheet
483Kb / 18P
N-channel 900V - 1.56Ω - 5.8A - TO-220/TO-220FP/D2PAK/TO-247 Zener-protected SuperMESH??Power MOSFET
10-Apr-2007
STP15NK50Z STMICROELECTRONICS-STP15NK50Z_07 Datasheet
505Kb / 19P
N-channel 500V - 0.30Ω - 14A TO-220/FP/D2PAK/I2PAK/TO-247 Zener-protected SuperMESH??Power MOSFET
05-Jan-2007
STB9NK50ZT4 STMICROELECTRONICS-STB9NK50ZT4 Datasheet
371Kb / 13P
N-CHANNEL 500V - 7.2A TO-220/FP/D2PAK/I2PAK Zener-Protected SuperMESH MOSFET
Jun-2004
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com