Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

W9NK90Z Datasheet(PDF) 3 Page - STMicroelectronics

Part # W9NK90Z
Description  N-CHANNEL 900V - 1.1Ohm - 8A - TO-220/FP-D2PAK-TO-247 Zener-Protected SuperMESH MOSFET
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

W9NK90Z Datasheet(HTML) 3 Page - STMicroelectronics

  W9NK90Z Datasheet HTML 1Page - STMicroelectronics W9NK90Z Datasheet HTML 2Page - STMicroelectronics W9NK90Z Datasheet HTML 3Page - STMicroelectronics W9NK90Z Datasheet HTML 4Page - STMicroelectronics W9NK90Z Datasheet HTML 5Page - STMicroelectronics W9NK90Z Datasheet HTML 6Page - STMicroelectronics W9NK90Z Datasheet HTML 7Page - STMicroelectronics W9NK90Z Datasheet HTML 8Page - STMicroelectronics W9NK90Z Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
STB9NK90Z - STF9NK90Z - STP9NK90Z - STW9NK90Z
Electrical ratings
3/16
1
Electrical ratings
Table 1.
Absolute maximum ratings
Symbol
Parameter
Value
Unit
TO-220/D²PAK/
TO-247
TO-220FP
VDS
Drain-source voltage (VGS = 0)
900
V
VDGR
Drain-gate voltage (RGS = 20KΩ)
900
V
VGS
Gate-source voltage
± 30
V
ID
Drain current (continuous) at TC = 25°C
8
8(1)
1.
Limited only by maximum temperature allowed
A
ID
Drain current (continuous) at TC=100°C
5
5(1)
A
IDM
(2)
2.
Pulse width limited by safe operating area
Drain current (pulsed)
32
32(1)
A
PTOT
Total dissipation at TC = 25°C
160
40
W
Derating Factor
1.28
0.32
W/°C
Vesd(G-S)
G-S ESD (HBM C=100pF, R=1.5k
Ω)
4KV
dv/dt(3)
3.
ISD ≤10A, di/dt ≤200A/µs,VDD ≤V(BR)DSS, Tj ≤TJMAX
Peak diode recovery voltage slope
4.5
V/ns
VISO
Insulation withstand voltage (DC)
--
2500
V
TJ
Tstg
Operating junction temperature
Storage temperature
-55 to 150
°C
Table 2.
Thermal data
Symbol
Parameter
Value
Unit
TO-220
D²PAK
TO-20FP
TO-247
Rthj-case
Thermal resistance junction-case Max
0.78
3.1
0.78
°C/W
Rthj-a
Thermal resistance junction-ambient Max
62.5
50
°C/W
Tl
Maximum lead temperature for soldering
purpose
300
°C
Table 3.
Avalanche characteristics
Symbol
Parameter
Value
Unit
IAS
Avalanche current, repetitive or not-repetitive
(pulse width limited by Tj Max)
8A
EAS
Single pulse avalanche energy
(starting Tj=25°C, Id=Iar, VDD=50V)
300
mJ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com