Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

QPX0002 Datasheet(PDF) 2 Page - Qorvo, Inc

Part # QPX0002
Description  2.5-15 GHz I/Q Mixer
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  QORVO [Qorvo, Inc]
Direct Link  https://www.qorvo.com/
Logo QORVO - Qorvo, Inc

QPX0002 Datasheet(HTML) 2 Page - Qorvo, Inc

  QPX0002 Datasheet HTML 1Page - Qorvo, Inc QPX0002 Datasheet HTML 2Page - Qorvo, Inc QPX0002 Datasheet HTML 3Page - Qorvo, Inc QPX0002 Datasheet HTML 4Page - Qorvo, Inc QPX0002 Datasheet HTML 5Page - Qorvo, Inc QPX0002 Datasheet HTML 6Page - Qorvo, Inc QPX0002 Datasheet HTML 7Page - Qorvo, Inc QPX0002 Datasheet HTML 8Page - Qorvo, Inc QPX0002 Datasheet HTML 9Page - Qorvo, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
QPX0002
2.5-15 GHz I/Q Mixer
Data Sheet | July 2, 2021 | Subject to change without notice
2 of 14
www.qorvo.com
®
Recommended Operating Conditions
Parameter
Min
Typ.
Max
Units
LO Drive Power
+13
+17
+21
dBm
RF input Power
(downconversion)
+17
dBm
IF Input Power
(upconversion)
+17
dBm
Temperature Range
-40
+25
+85
°C
Electrical specifications are measured at specified test conditions.
Specifications are not guaranteed over all recommended operating
conditions.
Absolute Maximum Ratings
Parameter
Rating
LO, RF, or IF power, CW, 25 °C
+25 dBm
Channel Temperate, Tch
150 °C
Operating Temperature
-40 to 85 °C
Storage Temperature
-55 to 150 °C
Mounting Temperature (30 sec)
260 °C
Exceeding any one or a combination of the Absolute Maximum Rating
conditions may cause permanent damage to the device. Extended
application of Absolute Maximum Rating conditions to the device may
reduce device reliability.
Electrical Specifications
Test conditions unless otherwise noted: 25 °C, IF = 100 MHz USB, LO = +17 dBm
Parameter
Min
Typ.
Max
Units
RF, LO Operational Frequency Range
2.5
–
15
GHz
IF Frequency Range
DC
–
1
GHz
Conversion Gain (with external 90⁰ IF hybrid)
-11.5
-8
–
dB
Image Rejection (with external 90⁰ IF hybrid)
–
23
–
dB
LO to RF Isolation
–
45
–
dB
LO to IF Isolation
–
25
–
dB
Input Power (P1dB)
–
+14
–
dBm
Input IP3
–
+22
–
dBm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com