Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

QPX0002 Datasheet (PDF) - Qorvo, Inc

Part # QPX0002
Description  2.5-15 GHz I/Q Mixer
File Size   428.96 Kbytes
Html View  1   2   3   4   5   6   7   8   9    Next
Manufacturer  QORVO [Qorvo, Inc]
Direct Link  https://www.qorvo.com/
Logo QORVO - Qorvo, Inc

QPX0002 Datasheet (PDF) - Qorvo, Inc



Similar Part No. - QPX0002

ManufacturerPart #DatasheetDescription
logo
Qorvo, Inc
QPX0001 QORVO-QPX0001 Datasheet
445Kb / 14P
6-26 GHz I/Q Mixer
QPX0001EVB1 QORVO-QPX0001EVB1 Datasheet
445Kb / 14P
6-26 GHz I/Q Mixer
QPX0001SR QORVO-QPX0001SR Datasheet
445Kb / 14P
6-26 GHz I/Q Mixer
QPX0003D QORVO-QPX0003D Datasheet
350Kb / 12P
30-40 GHz I/Q Mixer
QPX0003DS2 QORVO-QPX0003DS2 Datasheet
350Kb / 12P
30-40 GHz I/Q Mixer
More results


Similar Description - QPX0002

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC523 HITTITE-HMC523 Datasheet
330Kb / 6P
GaAs MMIC I/Q MIXER 15 - 23.6 GHz
HMC523LC4 HITTITE-HMC523LC4 Datasheet
323Kb / 6P
GaAs MMIC I/Q MIXER 15 - 23 GHz
HMC-C044 HITTITE-HMC-C044 Datasheet
321Kb / 6P
GaAs MMIC I/Q MIXER MODULE 15 - 23 GHz
HMC523 HITTITE-HMC523_09 Datasheet
247Kb / 6P
GaAs MMIC I/Q MIXER 15 - 23.6 GHz
HMC523LC4 HITTITE-HMC523LC4_09 Datasheet
228Kb / 6P
GaAs MMIC I/Q MIXER 15 - 23 GHz
logo
Custom MMIC Design Serv...
CMD182C4 MMIC-CMD182C4 Datasheet
245Kb / 11P
6-10 GHz I/Q Mixer
CMD183C4 MMIC-CMD183C4 Datasheet
243Kb / 11P
7.5-13 GHz I/Q Mixer
logo
Analog Devices
HMC8193 AD-HMC8193 Datasheet
577Kb / 36P
2.5 GHz to 8.5 GHz, I/Q Mixer
5/2018-Rev. A to Rev. B
logo
Qorvo, Inc
CMD252C4 QORVO-CMD252C4 Datasheet
678Kb / 11P
4-8 GHz I/Q Mixer
QPX0004D QORVO-QPX0004D Datasheet
927Kb / 12P
24-34 GHz I/Q Mixer
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com