Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX17552B Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # MAX17552B
Description  5V Output Voltage Applications
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX17552B Datasheet(HTML) 1 Page - Maxim Integrated Products

  MAX17552B Datasheet HTML 1Page - Maxim Integrated Products MAX17552B Datasheet HTML 2Page - Maxim Integrated Products MAX17552B Datasheet HTML 3Page - Maxim Integrated Products MAX17552B Datasheet HTML 4Page - Maxim Integrated Products MAX17552B Datasheet HTML 5Page - Maxim Integrated Products MAX17552B Datasheet HTML 6Page - Maxim Integrated Products MAX17552B Datasheet HTML 7Page - Maxim Integrated Products MAX17552B Datasheet HTML 8Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
Evaluates: MAX17552/MAX17552B (TDFN)
in 5V Output Voltage Applications
MAX17552 5V Output
Evaluation Kit (TDFN)
General Description
The MAX17552 5V evaluation kit (EV kit) (TDFN) is a fully
assembled and tested circuit board that demonstrates the
performance of the MAX17552 60V, 100mA ultra-small,
high-efficiency, synchronous step-down DC-DC converter
in a 10-pin TDFN package. The EV kit operates over a
wide input-voltage range of 6V to 60V and provides up
to 100mA load current at 5V output. It draws only 26µA
supply current under no-load conditions (EN/UVLO con-
nected to VIN). The EV kit is programmed to switch at a
frequency of 220kHz and delivers a peak efficiency of
93% with the supplied components. The device is simple
to use and easily configurable with minimal external
components. It features cycle-by-cycle peak current limit
protection, undervoltage lockout, and thermal shutdown.
The EV kit comes installed with the MAX17552ATB+ in
an 10-pin (3mm x 2mm) lead(Pb)-free/RoHS-compliant
TDFN package.
Features and Benefits
● 6V to 60V Input Voltage Range
● 5V Output, 100mA Continuous Current
● 93% Peak Efficiency
● 26µA No Load Supply Current
● EN/UVLO for On/Off Control and Programmable
Input Undervoltage Lockout
● Programmable Switching Frequency
● Internal or Programmable Soft-Start
● PFM or Forced-PWM Mode of Operation
● Open-Drain RESET Output
● Peak Current Limit Protection
● Thermal Shutdown
● Proven PCB Layout
● Fully Assembled and Tested
19-6905; Rev 2; 11/20
Ordering Information appears at end of data sheet.
TDFN is a registered trademark of Maxim Integrated Products, Inc.
Quick Start
Recommended Equipment
● MAX17552 5V EV kit (TDFN)
● 60V adjustable, 0.5A DC power supply
● Electronic load up to 100mA
● Voltmeter
Procedure
The EV kit is fully assembled and tested. Follow the steps
below to verify board operation.
Caution: Do not turn on
the power supply until all connections are completed.
1) Verify that shunts are installed on jumpers JU1, JU2
(EN/UVLO).
2) Verify that jumper JU3 (MODE-PFM operation) is open.
3) Set the electronic load to constant-current mode,
100mA, and disable the electronic load.
4) Connect the electronic load’s positive terminal to the
VOUT PCB pad. Connect the negative terminal to
the GND PCB pad.
5) Connect the voltmeter across the VOUT and GND
PCB pads.
6) Set the power-supply output to 24V. Disable the
power supply.
7) Connect the power-supply output to the VIN PCB pad.
Connect the supply ground to the GND PCB pad.
8) Turn on the power supply.
9) Enable the electronic load and verify that output volt-
age is 5V with respect to GND.
10) Vary the input voltage from 6V to 60V.
11) Vary the load current from 1mA to 100mA and verify
that output voltage is 5V with respect to GND.
Note: While performing an output short-circuit test, it is
possible for the ceramic output capacitor to oscillate with
the wiring inductance between the capacitor and short-
circuited load, and thereby cause the absolute maximum
rating of the VOUT pin (-0.3V) to be exceeded. The
resistor (R7) and the capacitor (C5) are included on this
evaluation kit to protect against unintentional violation of
the above mentioned rating. In the actual system design,
parasitic board or wiring inductance should be minimized
and the output-voltage waveform under short-circuit
operation should be verified to ensure that the absolute
maximum rating of the VOUT pin is not exceeded.
Click
here to ask about the production status of specific part numbers.


Similar Part No. - MAX17552B

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX17552 MAXIM-MAX17552 Datasheet
1Mb / 20P
Synchronous Step-Down DC-DC Converter
Rev 1; 6/14
MAX17552 MAXIM-MAX17552 Datasheet
702Kb / 8P
Output-Voltage Application
Rev 1; 4/14
MAX17552AUBEVKIT MAXIM-MAX17552AUBEVKIT Datasheet
702Kb / 8P
Output-Voltage Application
Rev 1; 4/14
More results

Similar Description - MAX17552B

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX17531AUBEVKIT MAXIM-MAX17531AUBEVKIT Datasheet
948Kb / 8P
(μMAX) in 5V Output Voltage Applications
Rev 0; 1/17
MAX17692B MAXIM-MAX17692B Datasheet
555Kb / 8P
5V Output-Voltage Application
Rev 0; 12/20
MAX17577EVKIT MAXIM-MAX17577EVKIT Datasheet
1Mb / 14P
in -12V and -5V Output-Voltage Applications
Rev 0; 12/20
MAX17532ATBEVKIT MAXIM-MAX17532ATBEVKIT Datasheet
990Kb / 9P
5V Output Voltage Applications
Rev 0; 7/15
MAX17531ATBEVKIT MAXIM-MAX17531ATBEVKIT Datasheet
958Kb / 9P
5V Output Voltage Applications
Rev 0; 7/15
MAX17530AUBEVKIT MAXIM-MAX17530AUBEVKIT Datasheet
860Kb / 9P
5V Output Voltage Applications
Rev 0; 6/15
MAX17530ATBEVKIT MAXIM-MAX17530ATBEVKIT Datasheet
863Kb / 9P
5V Output Voltage Applications
Rev 0; 6/15
MAX17579EVKIT MAXIM-MAX17579EVKIT Datasheet
970Kb / 14P
in -15V and -5V Output-Voltage Applications
Rev 0; 4/21
MAX17644AEVKIT MAXIM-MAX17644AEVKIT Datasheet
1Mb / 19P
MAX17644 in 3.3V and 5V Output-Voltage Applications
Rev 0; 3/21
MAX17643EVKIT MAXIM-MAX17643EVKIT Datasheet
1Mb / 14P
MAX17643 in 5V and 3.3V Output-Voltage Applications
Rev 0; 12/20
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com