Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX17552B Datasheet(PDF) 3 Page - Maxim Integrated Products

Part # MAX17552B
Description  5V Output Voltage Applications
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX17552B Datasheet(HTML) 3 Page - Maxim Integrated Products

  MAX17552B Datasheet HTML 1Page - Maxim Integrated Products MAX17552B Datasheet HTML 2Page - Maxim Integrated Products MAX17552B Datasheet HTML 3Page - Maxim Integrated Products MAX17552B Datasheet HTML 4Page - Maxim Integrated Products MAX17552B Datasheet HTML 5Page - Maxim Integrated Products MAX17552B Datasheet HTML 6Page - Maxim Integrated Products MAX17552B Datasheet HTML 7Page - Maxim Integrated Products MAX17552B Datasheet HTML 8Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
Maxim Integrated │ 3
www.maximintegrated.com
Evaluates: MAX17552/MAX17552B (TDFN)
in 5V Output Voltage Applications
MAX17552 5V Output
Evaluation Kit (TDFN)
EV Kit Performance Report
0
10
20
30
40
50
60
70
80
90
100
1
10
100
LOAD CURRENT (mA)
EFFICIENCY vs.
LOAD CURRENT
toc1
VIN = 24V VIN= 36V
VIN = 12V
PFM MODE
4.984
4.986
4.988
4.99
4.992
4.994
0
20
40
60
80
100
LOAD CURRENT (mA)
OUTPUT VOLTAGE
vs. LOAD CURRENT
toc4
VIN = 48V
VIN = 36V
VIN = 24V
VIN =
12V
VIN = 60V
PWM MODE
100mV/div
50mA/div
toc7
100µs/div
VOUT
(AC)
IOUT
LOAD TRANSIENT RESPONSE
PWM MODE (LOAD CURRENT STEPPED
FROM NO LOAD TO 50mA)
0
10
20
30
40
50
60
70
80
90
100
0
20
40
60
80
100
LOAD CURRENT (mA)
EFFICIENCY vs.
LOAD CURRENT
toc2
VIN = 48V
VIN = 36V
VIN = 24V
VIN = 12V
VIN = 60V
PWM MODE
100mV/div
50mA/div
toc5
200µs/div
VOUT
(AC)
IOUT
LOAD TRANSIENT RESPONSE,
PFM MODE (LOAD CURRENT STEPPED
FROM 5mA to 50mA)
2V/div
5V/div
toc8
1ms/div
VEN/UVLO
VOUT
50mA/div
5V/div
SOFT-START
IOUT
VRESET
4.96
4.99
5.02
5.05
5.08
0
20
40
60
80
100
LOAD CURRENT (mA)
OUTPUT VOLTAGE
vs.
LOAD CURRENT
toc3
PFM MODE
VIN = 24V
VIN = 48V, 60V
VIN = 12V
VIN = 36V
100mV/div
50mA/div
toc6
100µs/div
VOUT
(AC)
IOUT
LOAD TRANSIENT RESPONSE
PFM OR PWM MODE (LOAD CURRENT
STEPPED FROM 50mA TO 100mA)
toc9
BODE PLOT
FREQUENCY
(Hz)
fCR = 8.5KHz,
PHASE MARGIN = 64°
GAIN
PHASE



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com