Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX17536 Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # MAX17536
Description  3.3V Output-Voltage Application
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX17536 Datasheet(HTML) 4 Page - Maxim Integrated Products

  MAX17536 Datasheet HTML 1Page - Maxim Integrated Products MAX17536 Datasheet HTML 2Page - Maxim Integrated Products MAX17536 Datasheet HTML 3Page - Maxim Integrated Products MAX17536 Datasheet HTML 4Page - Maxim Integrated Products MAX17536 Datasheet HTML 5Page - Maxim Integrated Products MAX17536 Datasheet HTML 6Page - Maxim Integrated Products MAX17536 Datasheet HTML 7Page - Maxim Integrated Products MAX17536 Datasheet HTML 8Page - Maxim Integrated Products MAX17536 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
Maxim Integrated │ 4
www.maximintegrated.com
Evaluates: MAX17536
3.3V Output-Voltage Application
MAX17536EVKITA#
Evaluation Kit
(24V input voltage, unless otherwise noted.)
EV Kit Performance Report (continued)
1ms/div
100mV/div
3.3V OUTPUT,PFM MODE
(LOAD CURRENT STEPPED
FROM 50mA TO 2A)
VOUT
(AC)
1A/div
toc07
IOUT
MODE = OPEN
40μs/div
100mV/div
3.3V OUTPUT,PWM MODE
(LOAD CURRENT STEPPED
FROM 2A TO 4A)
VOUT
(AC)
2A/div
toc09
IOUT
1A/div
200μs/div
VOUT
(AC)
100mV/div
3.3V OUTPUT,DCM MODE
(LOAD CURRENT STEPPED FROM 50mA TO 2A)
IOUT
MODE = VCC
FREQUENCY (Hz)
3.3V OUTPUT, 4A LOAD CURRENT,
BODE PLOT
10k
PHASE
-30
GAIN
CROSSOVER FREQUENCY = 57.8kHz
PHASE MARGIN = 60°
200k
toc10
100k
300k
-20
-100
-10
0
10
20
-50
0
50
100



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com