Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX17536 Datasheet(PDF) 5 Page - Maxim Integrated Products

Part # MAX17536
Description  3.3V Output-Voltage Application
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX17536 Datasheet(HTML) 5 Page - Maxim Integrated Products

  MAX17536 Datasheet HTML 1Page - Maxim Integrated Products MAX17536 Datasheet HTML 2Page - Maxim Integrated Products MAX17536 Datasheet HTML 3Page - Maxim Integrated Products MAX17536 Datasheet HTML 4Page - Maxim Integrated Products MAX17536 Datasheet HTML 5Page - Maxim Integrated Products MAX17536 Datasheet HTML 6Page - Maxim Integrated Products MAX17536 Datasheet HTML 7Page - Maxim Integrated Products MAX17536 Datasheet HTML 8Page - Maxim Integrated Products MAX17536 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
Maxim Integrated │ 5
www.maximintegrated.com
Evaluates: MAX17536
3.3V Output-Voltage Application
MAX17536EVKITA#
Evaluation Kit
#Denotes RoHS compliant.
Note: Indicate that you are using the MAX17536 when contacting these component suppliers.
Ordering Information
Component Suppliers
MAX17536 3.3V Output EV Kit Bill of Materials
SUPPLIER
WEBSITE
Coilcraft, Inc.
www.coilcraft.com
Panasonic Corp.
www.panasonic.com
Murata Americas
www.murata.com
Vishay
www.vishay.com
PART
TYPE
MAX17536EVKITA#
EV Kit
Serial No.
Description
Quantity
Designator
Part Number
1
2.2μF ±10%, 100V X7R ceramic capacitor (1210)
2
C1, C2
MURATA GRM32ER72A225KA35
2
0.1μF ±10%, 100V X7R ceramic capacitor (0603)
3
C3,C4,C13
MURATA GRM188R72A104KA35
3
47uF 80V aluminum electrolytic (D=10mm)
1
C5
PANASONIC EEEFK1K470P
4
2.2μF ±10%, 10V X7R ceramic capacitor (0603)
1
C6
MURATA GRM188R71A225K
5
22000pF ±10%, 50V X7R ceramic capacitor (0402)
1
C7
MURATA GRM155R71H223K
6
47uF ±10%, 10V X7R ceramic capacitor (1210)
2
C8,C9
MURATA GRM32ER71A476K
7
22uF ±10%, 10V X7R ceramic capacitor (1210)
1
C10
MURATA GRM32ER71A226K
8
0.1μF ±10%, 50V X7R ceramic capacitor (0402)
1
C11
MURATA GRM155R71H104KE14
9
3-pin header (36-pin header 0.1” centers )
2
JU1, JU2
Sullins: PTC36SAAN
10
3.3uH Inductor (5.28mm x 5.48mm x 3.1mm)
1
L1
Coilcraft XAL5030-332
11
MOSFET (80V, 30A)
1
N1
VISHAY SILICONIX: SIS468DN-T1-GE3
12
3.32M ohm ±1%, resistor (0603)
1
R1
13
750k ohm ±1%, resistor (0603)
1
R2
14
133k ohm ±1%, resistor (0402)
1
R3
15
49.9k ohm ±1%, resistor (0402)
1
R4
16
Not installed, OPEN (0402)
0
R5
17
10k ohm ±1%, resistor (0402)
1
R6
18
Not installed, OPEN (0402)
0
R7
19
4.7ohm ±1%, resistor (0402)
1
R8
20
Buck Converter
MAX17536ATP+
1
U1
MAX17536ATP+
21
Shunt
2
See Jumper Table
SULLINS STC02SYAN
JUMPER
SHUNT POSITION
JU1
1-2
JU2
1
JUMPER TABLE



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com