Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC110-20-M2/3 Datasheet(PDF) 5 Page - M-System Co.,Ltd.

Part # SC110-20-M2/3
Description  Single Loop Controller Series MULTI-FUNCTION PID CONTROLLER
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

SC110-20-M2/3 Datasheet(HTML) 5 Page - M-System Co.,Ltd.

  SC110-20-M2/3 Datasheet HTML 1Page - M-System Co.,Ltd. SC110-20-M2/3 Datasheet HTML 2Page - M-System Co.,Ltd. SC110-20-M2/3 Datasheet HTML 3Page - M-System Co.,Ltd. SC110-20-M2/3 Datasheet HTML 4Page - M-System Co.,Ltd. SC110-20-M2/3 Datasheet HTML 5Page - M-System Co.,Ltd. SC110-20-M2/3 Datasheet HTML 6Page - M-System Co.,Ltd. SC110-20-M2/3 Datasheet HTML 7Page - M-System Co.,Ltd. SC110-20-M2/3 Datasheet HTML 8Page - M-System Co.,Ltd. SC110-20-M2/3 Datasheet HTML 9Page - M-System Co.,Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
MODEL: SC110
SC110 SPECIFICATIONS
ES-6339 Rev.17 Page 5/12
http://www.m-system.co.jp/
Do1 to Do2 or Do3 or Do4 or Do5 or Do6 to power to backup
module power to FG)
500 V AC @ 1 minute (Pv2 to Ai1 or Ai2 or Ai3 or Ai4)
500 V AC @ 1 minute (Mv2 or Mv2B to Ao1 or Ao2)
500 V AC @ 1 minute (Do2 to Do3 to Do4 to Do5 to Do6)
500 V AC @ 1 minute (Pv1 to supply output)
STANDARDS & APPROVALS
EU conformity:
EMC Directive
EMI EN 61000-6-4
EMS EN 61000-6-2
Low Voltage Directive
EN 61010-1
Measurement Category II (contact output)
Installation Category II (power)
Pollution degree 2
Input or output to contact output – Basic insulation (300
V)
Input or output to power - Reinforced insulation (300 V)
RoHS Directive
EN 50581
Protection against access to the terminal blocks:
Finger protection (VDE 0660-514)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com