Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC110-20-M2/3 Datasheet(PDF) 7 Page - M-System Co.,Ltd.

Part # SC110-20-M2/3
Description  Single Loop Controller Series MULTI-FUNCTION PID CONTROLLER
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

SC110-20-M2/3 Datasheet(HTML) 7 Page - M-System Co.,Ltd.

Back Button SC110-20-M2/3 Datasheet HTML 3Page - M-System Co.,Ltd. SC110-20-M2/3 Datasheet HTML 4Page - M-System Co.,Ltd. SC110-20-M2/3 Datasheet HTML 5Page - M-System Co.,Ltd. SC110-20-M2/3 Datasheet HTML 6Page - M-System Co.,Ltd. SC110-20-M2/3 Datasheet HTML 7Page - M-System Co.,Ltd. SC110-20-M2/3 Datasheet HTML 8Page - M-System Co.,Ltd. SC110-20-M2/3 Datasheet HTML 9Page - M-System Co.,Ltd. SC110-20-M2/3 Datasheet HTML 10Page - M-System Co.,Ltd. SC110-20-M2/3 Datasheet HTML 11Page - M-System Co.,Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
MODEL: SC110
SC110 SPECIFICATIONS
ES-6339 Rev.17 Page 7/12
http://www.m-system.co.jp/
EXTERNAL DIMENSIONS & TERMINAL ASSIGNMENTS unit: mm (inch)
60 61 62 63
MOUNTING BRACKETS
BACKUP MODULE POWER INPUT TERMINAL
TERMINAL COVER
72 (2.83)
80 (3.15)
24
(.94)
*2
*1
210 (8.27) max.
175 (6.89)
*2. Option /3: 300 mm (11.81”)
Option /4: 400 mm (15.75”)
Option /6: 600 mm (23.62”)
*1. Option /M2, /R only
14
15
16
17
18
19
20
21
22
23
24
25
26
1
2
3
4
5
6
7
8
9
10
11
12
13
40
41
42
43
44
45
46
47
48
49
50
51
52
28
29
30
31
32
33
34
35
36
37
38
39
52–M3.5 SCREW
67.5 (2.66)
27
52–M3.5 SCREW
4–M4 SCREW FOR
FIXING TERMINAL
67.5 (2.66)
14
15
16
17
18
19
20
21
22
23
24
25
26
1
2
3
4
5
6
7
8
9
10
11
12
13
40
41
42
43
44
45
46
47
48
49
50
51
52
28
29
30
31
32
33
34
35
36
37
38
39
27
■ INFRARED COMMUNICATION TYPE
• ONE BLOCK TERMINAL
(without option /T)
• SEPARABLE TERMINAL
(with option /T)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com