Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC100-R0-R/4 Datasheet(PDF) 3 Page - M-System Co.,Ltd.

Part # SC100-R0-R/4
Description  Single Loop Controller Series MULTI-FUNCTION PID CONTROLLER
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

SC100-R0-R/4 Datasheet(HTML) 3 Page - M-System Co.,Ltd.

  SC100-R0-R/4 Datasheet HTML 1Page - M-System Co.,Ltd. SC100-R0-R/4 Datasheet HTML 2Page - M-System Co.,Ltd. SC100-R0-R/4 Datasheet HTML 3Page - M-System Co.,Ltd. SC100-R0-R/4 Datasheet HTML 4Page - M-System Co.,Ltd. SC100-R0-R/4 Datasheet HTML 5Page - M-System Co.,Ltd. SC100-R0-R/4 Datasheet HTML 6Page - M-System Co.,Ltd. SC100-R0-R/4 Datasheet HTML 7Page - M-System Co.,Ltd. SC100-R0-R/4 Datasheet HTML 8Page - M-System Co.,Ltd. SC100-R0-R/4 Datasheet HTML 9Page - M-System Co.,Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
MODEL: SC100
SC100 SPECIFICATIONS
ES-6337 Rev.16 Page 3/10
http://www.m-system.co.jp/
SUPPLY OUTPUT
Output voltage:
24 V DC ±10 % with no load
18 V DC min. at 20 mA
Current rating: ≤ 22 mA DC
∙Shortcircuit protection
Current limited: Approx. 30 mA
INPUT SPECIFICATIONS
■ Pv1, Pv2 (universal input)
∙Current input: 4 – 20 mA DC with input resistance 250 Ω
(REM4)
∙Voltage input: -10 – +10 V DC
-1 – +1 V DC
0 – 10 V DC
1 – 5 V DC
0 – 1 V DC
Input resistance: ≥ 1 MΩ
∙Thermocouple input: K, E, J, T, B, R, S, C, N, U, L, P, PR (See
Table 1)
Input resistance: ≥ 30 kΩ
Burnout sensing: ≤ 0.3 µA
Burnout indication: 115 % of the measuring range (upscale)
∙RTD input: Pt100 (JIS ’97, IEC), Pt100 (JIS ’89), JPt100 (JIS
’89), Pt50Ω (JIS ’81), Ni100 (See Table 2)
Maximum lead wire resistance: 100 Ω per wire
Burnout indication: 115 % of the measuring range (upscale)
Sensing current: ≤ 1 mA
∙Potentiometer input: Total resistance 100 Ω to 10 kΩ
Minimum span: 50 % of total resistance
Excitation: ≤ 0.6 V DC
■ Ai1, Ai2, Ai3, Ai4
∙Voltage input: 1 – 5 V DC
Input resistance: ≥ 1 MΩ
■ Pi1, Pi2, Pi3, Pi4, Pi5: Dry contact
(Di1 through Di5 are assigned to the same terminals
respectively.)
Maximum frequency: 20 Hz
Minimum pulse width: 25 msec.
Common: Negative common per 5 points
Sensing: Approx. 12 V DC, 6 mA
ON voltage/resistance: ≤ 2.25 V, ≤ 1.5 kΩ
OFF voltage/resistance: ≥ 11.25 V ≥ 15 kΩ
■ Pi6: Dry contact
(Di6 is assigned to the same terminal.)
Maximum frequency: 10 kHz
Minimum pulse width: 0.05 msec.
Common: Negative common
Sensing: Approx. 12 V DC, 12 mA
ON voltage/resistance: ≤ 2 V, ≤ 1.5 kΩ
OFF voltage/resistance: ≥ 11 V, ≥ 15 kΩ
Excitation: 12 V DC ±10%, 15 mA
Current limiting circuit: Approx. 30 mA
■ Di1, Di2, Di3, Di4, Di5: Dry contact
(Pi1 through Pi5 are assigned to the same terminals
respectively.)
Common: Negative common per 5 points
Sensing: Approx. 12 V DC, 6 mA
ON voltage/resistance: ≤ 2.25 V, ≤ 1.5 kΩ
OFF voltage/resistance: ≥ 11.25 V ≥ 15 kΩ
■ Di6: Dry contact
(Pi6 is assigned to the same terminal.)
Common: Negative common
Sensing: Approx. 12 V DC, 12 mA
ON voltage/resistance: ≤ 2 V, ≤ 1.5 kΩ
OFF voltage/resistance: ≥ 11 V, ≥ 15 kΩ
[Table 1 (Thermocouple input)]
T/C
USABLE
RANGE (°C)
CONFORMANCE
RANGE (°C)
K (CA)
-272 to +1472
-150 to +1370
E (CRC)
-272 to +1100
-170 to +1000
J (IC)
-260 to +1300
-180 to +1200
T (CC)
-272 to
+500
-170 to +400
B (RH)
24 to
1920
1000 to 1760
R
-100 to +1860
380 to 1760
S
-100 to +1860
400 to 1760
C (WRe 5-26)
-52 to +2416
100 to 2315
N
-272 to +1400
-130 to +1300
U
-252 to
+700
-200 to +600
L
-252 to +1000
-200 to +900
P (Platinel II)
-52 to +1496
0 to 1395
(PR)
-52 to +1860
300 to 1760
Overrange input (out of the usable range) is handled as burnout.
[Table 2 (RTD input)]
RTD
USABLE
RANGE (°C)
CONFORMANCE
RANGE (°C)
Pt 100 (JIS ’97, IEC)
-240 to +900
-200 to +850
Pt 100 (JIS ’89)
-240 to +900
-200 to +660
JPt 100 (JIS ’89)
-236 to +560
-200 to +510
Pt 50Ω (JIS ’81)
-236 to +700
-200 to +649
Ni 100
-100 to +252
-80 to +250
Overrange input (out of the usable range) is handled as burnout.
OUTPUT SPECIFICATIONS
■ Mv1, Mv2
∙Current output: 4 – 20 mA DC
Load resistance: ≤ 600 Ω
■ Ao1, Ao2
∙Voltage output: 1 – 5 V DC
Load resistance: ≥ 10 kΩ
■ Discrete Output
∙Do1, Do2, Do3, Do4, Do5, RUN contact (Do6): Relay
contact
Rated load: 250 V AC @1 A (cos ø = 1)



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com