Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC100-R0-R/4 Datasheet(PDF) 4 Page - M-System Co.,Ltd.

Part # SC100-R0-R/4
Description  Single Loop Controller Series MULTI-FUNCTION PID CONTROLLER
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

SC100-R0-R/4 Datasheet(HTML) 4 Page - M-System Co.,Ltd.

  SC100-R0-R/4 Datasheet HTML 1Page - M-System Co.,Ltd. SC100-R0-R/4 Datasheet HTML 2Page - M-System Co.,Ltd. SC100-R0-R/4 Datasheet HTML 3Page - M-System Co.,Ltd. SC100-R0-R/4 Datasheet HTML 4Page - M-System Co.,Ltd. SC100-R0-R/4 Datasheet HTML 5Page - M-System Co.,Ltd. SC100-R0-R/4 Datasheet HTML 6Page - M-System Co.,Ltd. SC100-R0-R/4 Datasheet HTML 7Page - M-System Co.,Ltd. SC100-R0-R/4 Datasheet HTML 8Page - M-System Co.,Ltd. SC100-R0-R/4 Datasheet HTML 9Page - M-System Co.,Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
MODEL: SC100
SC100 SPECIFICATIONS
ES-6337 Rev.16 Page 4/10
http://www.m-system.co.jp/
30 V DC @1 A (resistive load)
Maximum switching voltage: 250 V AC or 30 V DC
Maximum switching power: 250 VA or 60 W
Minimum load: 5 V DC @10 mA
Mechanical life: 2 × 107 cycles
∙Do1, Do2, Do3, Do4, Do5: Photo MOSFET relay
Rating: 200 V AC/DC @0.5 A (resistive load)
ON resistance: 2.1 Ω
Maximum frequency: 4 Hz @24 V, 10 mA
ON delay time: ≤ 5.0 msec.
OFF delay time: ≤ 3.0 msec.
INSTALLATION
Power input
∙AC:
≤ 25 VA at 100 V AC
≤ 40 VA at 240 V AC
•DC: ≤ 650 mA
Operating temperature: -5 to +55°C (23 to 131°F)
Operating humidity: 5 to 90 %RH (non-condensing)
Mounting: Panel flush mounting (high-density mounting in
horizontal direction)
Weight:
Approx. 1.8 kg (3.97 lb) for 250 mm depth type
Approx. 2.0 kg (4.41 lb) for 300 mm depth type
Approx. 2.5 kg (5.51 lb) for 400 mm depth type
Approx. 3.0 kg (6.61 lb) for 600 mm depth type
PERFORMANCE in percentage of max. span
Accuracy
DC input: ±0.1 % ±1 digit
Thermocouple input: ±1℃ ±1 digit
±2℃ ±1 digit for B, R, S, C and PR
RTD input: ±1℃ ±1 digit
Potentiometer input: ±0.2 % ±1 digit
DC output: ±0.1 %
Precision resistor module (REM4): ±0.1 %
Cold junction compensation:
±2°C at 25°C ±10°C
±4°C for S, R and PR
Temp. coefficient: ±0.015 %/°C (±0.008 %/°F)
DC input: ±0.015 %/°C (±0.008 %/°F)
Thermocouple input: ±0.015 %/°C (±0.008 %/°F)
RTD input: ±0.015 %/°C (±0.008 %/°F)
Potentiometer input: ±0.015 %/°C (±0.008 %/°F)
DC output: ±0.015 %/°C (±0.008 %/°F)
Precision resistor module (REM4): ±0.015 %/°C (±0.008
%/°F)
Line voltage effect: ±0.1 % over voltage range
Calendar clock accuracy: Monthly deviation 3 minutes at
25°C
RAM memory duration in power failure for hot start:
10 minutes assured
Insulation resistance: ≥ 100 MΩ with 500 V DC
Dielectric strength:
1500 V AC @ 1 minute
(Pv1 or supply output to Pv2 or Ai1 or Ai2 or Ai3 or Ai4 to
Di1 or Di2 or Di3 or Di4 or Di5 or Pi1 or Pi2 or Pi3 or Pi4 or
Pi5 to Di6 or Pi6 to Mv1 to Mv2 or Ao1 or Ao2 to Do1 to Do2
or Do3 or Do4 or Do5 or Do6 to power to FG)
500 V AC @ 1 minute (Pv2 to Ai1 or Ai2 or Ai3 or Ai4)
500 V AC @ 1 minute (Mv2 to Ao1 or Ao2)
500 V AC @ 1 minute (Do2 to Do3 to Do4 to Do5 to Do6)
500 V AC @ 1 minute (Pv1 to supply output)
STANDARDS & APPROVALS
EU conformity:
EMC Directive
EMI EN 61000-6-4
EMS EN 61000-6-2
Low Voltage Directive
EN 61010-1
Measurement Category II (contact output)
Installation Category II (power)
Pollution degree 2
Input or output to contact output – Basic insulation (300
V)
Input or output to power - Reinforced insulation (300 V)
RoHS Directive
EN 50581
Protection against access to the terminal blocks:
Finger protection (VDE 0660-514)



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com