Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

C9900-R271 Datasheet(PDF) 4 Page - Beckhoff Automation GmbH & Co. KG

Part # C9900-R271
Description  Multi-touch Panel PC
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BECKHOFF [Beckhoff Automation GmbH & Co. KG]
Direct Link  https://beckhoff.com/
Logo BECKHOFF - Beckhoff Automation GmbH & Co. KG

C9900-R271 Datasheet(HTML) 4 Page - Beckhoff Automation GmbH & Co. KG

  C9900-R271 Datasheet HTML 1Page - Beckhoff Automation GmbH & Co. KG C9900-R271 Datasheet HTML 2Page - Beckhoff Automation GmbH & Co. KG C9900-R271 Datasheet HTML 3Page - Beckhoff Automation GmbH & Co. KG C9900-R271 Datasheet HTML 4Page - Beckhoff Automation GmbH & Co. KG C9900-R271 Datasheet HTML 5Page - Beckhoff Automation GmbH & Co. KG  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
CP32xx-0020
https://www.beckhoff.com/cp32xx-0020
Technical changes reserved
As of 23.06.2021 | Site 4 of 5
C9900-C620
processor 7th generation Intel® Core™ i7-7700(T), 2.9 GHz, 4 cores (TC3: 80), requires
Windows 10, 64 bit or Windows Server 2016, instead of Intel® Celeron® G3900TE
2.3 GHz (TC3: 50)
C9900-R270
memory extension to 8 GB DDR4 RAM, instead of 4 GB
C9900-R271
memory extension to 16 GB DDR4 RAM, instead of 4 GB
C9900-R272
memory extension to 32 GB DDR4 RAM, instead of 4 GB
C9900-B519
1 PCIe module slot integrated inside CP32xx or CP37xx, to plug-in Beckhoff PCIe
modules
C9900-E282
2 IP 65 connectors in the wiring area of a CP32xx, led out with PCIe module FC9062. 2
gigabit Ethernet interfaces. Harting push-pull Ethernet sockets. Requires a PCIe module
slot C9900-B519
C9900-M184
mounting arm adapter for Panel PC CP32xx or CP37xx, for Rittal and Rolec mounting arm
systems with 48 mm tube from bottom instead of from top
C9900-E185
IP 65 connector in the wiring area of a CP32xx, CP37xx, CPX37xx or CP72xx for the
second on-board Ethernet adapter, Harting push-pull Ethernet socket
C9900-D191
PC with 2 slots for 2½-inch hard disks or SSDs, instead of 1 slot for a hard disk or SSD and
1 slot for CFast
C9900-H145
additional hard disk, 2½-inch, 320 GB
C9900-H749
solid-state disk SSD, 3D flash, 2½-inch, 240 GB
C9900-H745
solid-state disk SSD, 3D flash, 2½-inch, 480 GB
C9900-H759
solid-state disk SSD, 3D flash, 2½-inch, 960 GB
C9900-H750
solid-state disk SSD, 3D flash, 2½-inch, 240 GB, instead of 2½-inch hard disk
C9900-H746
solid-state disk SSD, 3D flash, 2½-inch, 480 GB, instead of 2½-inch hard disk
C9900-H760
solid-state disk SSD, 3D flash, 2½-inch, 960 GB, instead of 2½-inch hard disk
C9900-D190
2 slots for CFast cards, instead of 1 slot for a 2½-inch hard disk or SSD and 1 slot for
CFast
C9900-H583
40 GB CFast card, 3D flash, extended temperature range
C9900-H587
80 GB CFast card, 3D flash, extended temperature range
C9900-H624
160 GB CFast card, 3D flash, extended temperature range
C9900-H584
40 GB CFast card, 3D flash, extended temperature range, instead of 2½-inch hard disk
C9900-H588
80 GB CFast card, 3D flash, extended temperature range, instead of 2½-inch hard disk
C9900-H625
160 GB CFast card, 3D flash, extended temperature range, instead of 2½-inch hard disk
C9900-U209
uninterruptible power supply UPS, integrated into the 24 V power supply, without battery
Options
To connect a keyboard to the PC, e.g. at commissioning, one of the following USB sockets
is required:
C9900-E279
1-port USB 3.0 connector with IP 65 screw cap in the sidewall of the CP32xx or CP37xx
from version -0010
C9900-E283
IP 65 connector in the wiring area of a CP32xx, CP37xx or CP72xx for a USB 3.0 port,
Harting push-pull USB 3.0 socket
C9900-E187
IP 65 connector M12 in the wiring area of a CP32xx, CP37xx or CP72xx for one USB 2.0
port



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com