Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

C9900-R271 Datasheet(PDF) 5 Page - Beckhoff Automation GmbH & Co. KG

Part # C9900-R271
Description  Multi-touch Panel PC
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BECKHOFF [Beckhoff Automation GmbH & Co. KG]
Direct Link  https://beckhoff.com/
Logo BECKHOFF - Beckhoff Automation GmbH & Co. KG

C9900-R271 Datasheet(HTML) 5 Page - Beckhoff Automation GmbH & Co. KG

  C9900-R271 Datasheet HTML 1Page - Beckhoff Automation GmbH & Co. KG C9900-R271 Datasheet HTML 2Page - Beckhoff Automation GmbH & Co. KG C9900-R271 Datasheet HTML 3Page - Beckhoff Automation GmbH & Co. KG C9900-R271 Datasheet HTML 4Page - Beckhoff Automation GmbH & Co. KG C9900-R271 Datasheet HTML 5Page - Beckhoff Automation GmbH & Co. KG  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
CP32xx-0020
https://www.beckhoff.com/cp32xx-0020
Technical changes reserved
As of 23.06.2021 | Site 5 of 5
C9900-E190
USB-A in the wiring area of a CP32xx, CP37xx or CP72xx for one USB 2.0 port, including
covering cap IP 65
C9900-E304
USB A socket in the wiring area of a CP32xx or CP37xx for one USB 3.0 port, including
covering cap IP 65
Accessories
Accessories
C9900-K271
power supply cable IP 65 for CP32xx, CP37xx or CP72xx, length 5 m, assembled, M23
connector, screw type, 8 wires, second end open
C9900-K275
power supply cable IP 65 for CP32xx and CP37xx or CP72xx, length 5 m, 12 wires: 24 V
plus, 24 V minus, battery plus and battery minus each 2 x 1 mm² for low voltage drop,
assembled, M23 connector, screw type, second end open
C9900-K272
power supply cable IP 65 for CP32xx, CP37xx or CP72xx, length 10 m, assembled, M23
connector, screw type, 8 wires, second end open
C9900-K276
power supply cable IP 65 for CP32xx, CP37xx or CP72xx, length 10 m, 12 wires: 24 V
plus, 24 V minus, battery plus and battery minus each 2 x 1 mm² for low voltage drop,
assembled, M23 connector, screw type, second end open
C9900-K277
power supply cable IP 65 for CP32xx, CP37xx or CP72xx, length 20 m, 12 wires: 24 V
plus, 24 V minus, battery plus and battery minus each 2 x 1 mm² for low voltage drop,
assembled, M23 connector, screw type, second end open
C9900-K281
network cable for CP32xx, CP37xx, CPX37xx and CP72xx, length 3 m, assembled, Harting
push-pull Ethernet connector IP 65, second end RJ45, IP 20
C9900-K282
network cable for CP32xx, CP37xx, CPX37xx and CP72xx, length 5 m, assembled, Harting
push-pull Ethernet connector IP 65, second end RJ45, IP 20
C9900-K283
network cable for CP32xx, CP37xx, CPX37xx and CP72xx, length 10 m, assembled,
Harting push-pull Ethernet connector IP 65, second end RJ45, IP 20
C9900-K284
network cable for CP32xx, CP37xx, CPX37xx and CP72xx, length 15 m, assembled,
Harting push-pull Ethernet connector IP 65, second end RJ45, IP 20
C9900-K285
network cable for CP32xx, CP37xx, CPX37xx and CP72xx, length 20 m, assembled,
Harting push-pull Ethernet connector IP 65, second end RJ45, IP 20
C9900-K286
network cable for CP32xx, CP37xx, CPX37xx and CP72xx, length 30 m, assembled,
Harting push-pull Ethernet connector IP 65, second end RJ45, IP 20
C9900-K287
network cable for CP32xx, CP37xx, CPX37xx and CP72xx, length 40 m, assembled,
Harting push-pull Ethernet connector IP 65, second end RJ45, IP 20
C9900-K288
network cable for CP32xx, CP37xx, CPX37xx and CP72xx, length 50 m, assembled,
Harting push-pull Ethernet connector IP 65, second end RJ45, IP 20
C9900-K291
USB 2.0 cable for CP32xx, CP37xx or CP72xx, length 3 m, assembled, M12 connector IP
65, screw type, 4-pin, second end USB B connector
C9900-K292
USB 2.0 cable for CP32xx, CP37xx or CP72xx, length 5 m, assembled, M12 connector IP
65, screw type, 4-pin, second end USB B connector
C9900-K306
USB 3.0 cable for CP32xx, CP37xx or CP72xx, length 3 m, assembled, Harting push-pull
USB 3.0 connector IP 65, second end USB-B connector IP 20



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com