Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RFGA2044 Datasheet(PDF) 1 Page - Qorvo, Inc

Part # RFGA2044
Description  50MHz-3000MHz, InGap HBT MMIC Amplifier
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  QORVO [Qorvo, Inc]
Direct Link  https://www.qorvo.com/
Logo QORVO - Qorvo, Inc

RFGA2044 Datasheet(HTML) 1 Page - Qorvo, Inc

  RFGA2044 Datasheet HTML 1Page - Qorvo, Inc RFGA2044 Datasheet HTML 2Page - Qorvo, Inc RFGA2044 Datasheet HTML 3Page - Qorvo, Inc RFGA2044 Datasheet HTML 4Page - Qorvo, Inc RFGA2044 Datasheet HTML 5Page - Qorvo, Inc RFGA2044 Datasheet HTML 6Page - Qorvo, Inc RFGA2044 Datasheet HTML 7Page - Qorvo, Inc RFGA2044 Datasheet HTML 8Page - Qorvo, Inc RFGA2044 Datasheet HTML 9Page - Qorvo, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
RFGA2044
50MHz-3000MHz, InGap HBT MMIC Amplifier
Datasheet, May 21, 2021 | Subject to change without notice
1 of 11
www.qorvo.com
®
SOT-89 Package
Key Features
• Low Cost
• Broadband Gain
• Internally Matched
• Internal Active Bias
• No Dropping Resistor Required
• Single Supply 5V Operation
• HBM ESD Level >1000V
Product Overview
The RFGA2044 is a high performance InGaP HBT MMIC
amplifier. The RFGA2044
’s internal active bias circuitry
allows the amplifier to operate directly from a 5V supply and
provides stable current over temperature and process
variations of the Beta. This Darlington amplifier is internally
matched to 50Ω making it ideal for applications requiring
small footprints and minimal external components.
Ordering Information
Part No.
Description
RFGA2044TR13
2,500 pieces on a 13
” reel
RFGA2044
 PCK-410
500
 – 3000 MHz Evaluation Board
with a 5-piece sample bag
Functional Block Diagram
Top View
Applications
• PA Driver Amplifier
• LO Buffer Amplifier
• Cellular, PCS, GSM, UMTS, LTE, TD_SCDMA
• Wideband Instrumentation
• Wireless Data, Satellite Terminals


Similar Part No. - RFGA2044

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RFGA2044 RFMD-RFGA2044 Datasheet
570Kb / 8P
InGaP HBT MMIC AMPLIFIER 50MHz TO 3000MHz
RFGA2044PCK-410 RFMD-RFGA2044PCK-410 Datasheet
570Kb / 8P
InGaP HBT MMIC AMPLIFIER 50MHz TO 3000MHz
RFGA2044SQ RFMD-RFGA2044SQ Datasheet
570Kb / 8P
InGaP HBT MMIC AMPLIFIER 50MHz TO 3000MHz
RFGA2044SR RFMD-RFGA2044SR Datasheet
570Kb / 8P
InGaP HBT MMIC AMPLIFIER 50MHz TO 3000MHz
RFGA2044TR13 RFMD-RFGA2044TR13 Datasheet
570Kb / 8P
InGaP HBT MMIC AMPLIFIER 50MHz TO 3000MHz
More results

Similar Description - RFGA2044

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
SBB-1000 RFMD-SBB-1000 Datasheet
205Kb / 6P
50MHZ TO 1000MHZ, CASCADABLE ACTIVE BIAS InGaP HBT MMIC AMPLIFIER
SBB-2000 RFMD-SBB-2000 Datasheet
204Kb / 6P
50MHZ TO 1000MHZ, CASCADABLE ACTIVE BIAS InGaP HBT MMIC AMPLIFIER
RFGA0014 RFMD-RFGA0014 Datasheet
491Kb / 7P
InGaP HBT MMIC Amplifier 50MHz TO 1000MHz
RFGA0024 RFMD-RFGA0024 Datasheet
491Kb / 7P
InGaP HBT MMIC Amplifier 50MHz TO 1000MHz
RFGA2044 RFMD-RFGA2044 Datasheet
570Kb / 8P
InGaP HBT MMIC AMPLIFIER 50MHz TO 3000MHz
RFGA2054 RFMD-RFGA2054 Datasheet
566Kb / 8P
InGaP HBT MMIC AMPLIFIER 50MHz TO 3000MHz
SBB2082S RFMD-SBB2082S Datasheet
689Kb / 5P
InGaP HBT Amplifier 50MHz to 850MHz
SBB2089Z RFMD-SBB2089Z Datasheet
456Kb / 7P
50MHz to 850MHz, CASCADABLE ACTIVE BIAS InGaP HBT MMIC AMPLIFIER
SBB4089Z RFMD-SBB4089Z Datasheet
520Kb / 8P
50MHz to 6000MHz CASCADABLE ACTIVE BIAS InGaP HBT MMIC AMPLIFIER
SBB5089Z RFMD-SBB5089Z Datasheet
535Kb / 10P
50MHz to 6000MHz, CASCADABLE ACTIVE BIAS InGaP HBT MMIC AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com