Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RFFM6901 Datasheet(PDF) 1 Page - Qorvo, Inc

Part # RFFM6901
Description  2.8V to 4.2V, 915MHz ISM Band Transmit/Receive Module with Diversity Switch
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  QORVO [Qorvo, Inc]
Direct Link  https://www.qorvo.com/
Logo QORVO - Qorvo, Inc

RFFM6901 Datasheet(HTML) 1 Page - Qorvo, Inc

  RFFM6901 Datasheet HTML 1Page - Qorvo, Inc RFFM6901 Datasheet HTML 2Page - Qorvo, Inc RFFM6901 Datasheet HTML 3Page - Qorvo, Inc RFFM6901 Datasheet HTML 4Page - Qorvo, Inc RFFM6901 Datasheet HTML 5Page - Qorvo, Inc RFFM6901 Datasheet HTML 6Page - Qorvo, Inc RFFM6901 Datasheet HTML 7Page - Qorvo, Inc RFFM6901 Datasheet HTML 8Page - Qorvo, Inc RFFM6901 Datasheet HTML 9Page - Qorvo, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
Revision DS20170825
1 of 11
Disclaimer: Subject to change without notice
© 2015 RF Micro Devices, Inc.
www.rfmd.com / www.qorvo.com
RFMD + TriQuint = Qorvo
RFFM6901
2.8V to 4.2V, 915MHz ISM Band Transmit/Receive
Module with Diversity Switch
The RFFM6901 is a single-chip front end module (FEM) for application
in the 868MHz and 915MHz ISM Bands. The RFFM6901 addresses the
need for aggressive size reduction for typical portable equipment RF
front end designs and greatly reduces the number of components
outside of the core chipset thus minimizing the footprint and assembly
cost of the overall solution. The RFFM6901 contains an integrated 1W
PA, dual port diversity antenna switch, LNA with bypass mode, and
matching components. The RFFM6901 is packaged in a 32-pin, 6.0mm
x 6.0mm x 1.2mm over-molded laminate package.
LPF
32
CTL
LOGIC
GND
GND
GND
GND
GND
CTL1
CTL2
CTL3
GND
PA_VCC1
PA_VCC2
GND
ANT2
ANT1
RFIO
31
30
29
28
27
26
25
24
23
22
21
20
19
18
17
16
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
GND
SAW 2
BPF
SAW 3
BPF
SAW 1
BPF
915 MHz TX only
From
XCVR
NC
CTL4
PA1
PA2
LNA
Functional Block Diagram
Ordering Information
RFFM6901SB
Standard 5-piece bag
RFFM6901SQ
Standard 25-piece bag
RFFM6901SR
Standard 100-piece reel
RFFM6901TR13
Standard 2500-piece reel
RFFM6901PCK-410
Fully assembled evaluation board w/ 5-piece bag
Package: LGA, 32-pin,
6.0mm x 6.0mm
Features
■
Tx Output Power: 30dBm
■
Separate Rx/Tx 50
Ω Transceiver
Interface
■
Antenna Diversity Switch
■
LNA with Bypass Mode
Applications
■
Wireless Automated Metering
■
Wireless Alarm Systems
■
Portable Battery Powered
Equipment
■
Smart Energy
■
868MHz/915MHz ISM Band
Application
■
Single Chip RF Front End Module
RFFM6901


Similar Part No. - RFFM6901

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RFFM6901 RFMD-RFFM6901 Datasheet
979Kb / 13P
2.8V TO 4.2V, 915MHZ ISM BAND TRANSMIT/ RECEIVE MODULE WITH DIVERSITY SWITCH
RFFM6901PCK-410 RFMD-RFFM6901PCK-410 Datasheet
979Kb / 13P
2.8V TO 4.2V, 915MHZ ISM BAND TRANSMIT/ RECEIVE MODULE WITH DIVERSITY SWITCH
RFFM6901SB RFMD-RFFM6901SB Datasheet
979Kb / 13P
2.8V TO 4.2V, 915MHZ ISM BAND TRANSMIT/ RECEIVE MODULE WITH DIVERSITY SWITCH
RFFM6901SQ RFMD-RFFM6901SQ Datasheet
979Kb / 13P
2.8V TO 4.2V, 915MHZ ISM BAND TRANSMIT/ RECEIVE MODULE WITH DIVERSITY SWITCH
RFFM6901SR RFMD-RFFM6901SR Datasheet
979Kb / 13P
2.8V TO 4.2V, 915MHZ ISM BAND TRANSMIT/ RECEIVE MODULE WITH DIVERSITY SWITCH
More results

Similar Description - RFFM6901

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RF3858 RFMD-RF3858 Datasheet
878Kb / 11P
3.0 V TO 4.2V, ISM BAND TRANSMIT/RECEIVE MODULE WITH DIVERSITY TRANSFER SWITCH
RF6559 RFMD-RF6559 Datasheet
692Kb / 10P
4.0V TO 4.5V, 915MHZ ISM BAND TRANSMIT/RECEIVE MODULE
RFFM6900 RFMD-RFFM6900 Datasheet
666Kb / 12P
2.5V TO 4.2V, ISM BAND, 1W 915MHz Transmit/Receive Module
RFFM6901 RFMD-RFFM6901 Datasheet
979Kb / 13P
2.8V TO 4.2V, 915MHZ ISM BAND TRANSMIT/ RECEIVE MODULE WITH DIVERSITY SWITCH
RFFM6903 RFMD-RFFM6903 Datasheet
1Mb / 11P
2.5V to 4.2V, ISM Band, 1W 915MHZ Transmit/Receive Module
RFFM6904 RFMD-RFFM6904 Datasheet
839Kb / 10P
3.0V TO 4.2V, ISM BAND TRANSMIT/RECEIVE MODULE WITH DIVERSITY TRANSFER SWITCH
RFFM6907 RFMD-RFFM6907 Datasheet
588Kb / 9P
2.8V to 4.0V, 915MHz Transmit/Receive Module
logo
Qorvo, Inc
RFFM6907 QORVO-RFFM6907 Datasheet
588Kb / 9P
2.8V to 4.0V, 915MHz Transmit/Receive Module
RFFM6904 QORVO-RFFM6904 Datasheet
839Kb / 10P
3.0V TO 4.2V, ISM BAND TRANSMIT/RECEIVE MODULE WITH DIVERSITY TRANSFER SWITCH
RFFM6900 QORVO-RFFM6900 Datasheet
980Kb / 12P
2.5V TO 4.2V, ISM BAND, 1W 915MHz Transmit/Receive Module
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com